Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSKB2M30GF00-R1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SFSKB2M30GF00-R1
Description  No frequency adjustment is required in production process
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFSKB2M30GF00-R1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SFSKB2M30GF00-R1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFSKB2M30GF00-R1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFSKB2M30GF00-R1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
SFSKB2M30GF00-R1
Appearance & Shape
Applications
Other Usage
Audio Visual Equipment
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
-R0
330mm Embossed Tape
3000
Features
The SFSKB series are SMD ceramic filters suitable for IR
headphone applications. Center frequencies of 2.3, 2.8, 3.2, 3.8, 4.3,
4.8, 5.2, 5.7MHz are available. Realized small, thin and lightweight
package, compared with conventional LC filters. It helps to compose
multi-channel circuit on one PCB. No frequency adjustment is
required on PCB and it contributes to the reduction of production
cost.
Features
1. SMD package in plastic emboss tape, available for automatic
placing.
2. They are slim, at only 1.5mm max. thickness, and have a small
mounting area (5.2x3.8mm) enabling flexible PCB design.
3. Available for lead (Pb) free reflow soldering process.
4. Operating temperature range: 0 to +70 (degrees C), Storage
temperature range: -55 to +85 (degrees C)
5. No frequency adjustment is required in production process.
6. Small, thin and lightweight package compared with conventional
LC filters.
1 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/24


Similar Part No. - SFSKB2M30GF00-R1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
224Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA1-SFSKB2M30GF00-R1 Datasheet
1Mb / 77P
(Filters/Traps/Discriminators) for Audio/Visual Equipment
SFSKB2M30GF00-R1 MURATA1-SFSKB2M30GF00-R1 Datasheet
342Kb / 4P
Filters
04/15/2024
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1_17 Datasheet
224Kb / 3P
Filters
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA1-SFSKB2M30GF00-R1_V01 Datasheet
342Kb / 4P
Filters
04/15/2024
More results

Similar Description - SFSKB2M30GF00-R1

ManufacturerPart #DatasheetDescription
logo
Weidmuller
SL-SMT3.5-90 WEIDMULLER-SL-SMT3.5-90 Datasheet
194Kb / 8P
Connectors - reduces costs in the production process
logo
Murata Manufacturing Co...
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
No alignment required in production
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
No alignment required in production
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com