Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34-08052 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 34-08052
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

34-08052 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 34-08052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 7Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 8Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 9Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 10Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 11Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 12Page - List of Unclassifed Manufacturers 34-08052 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
14
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Hooks, Rings, Screw Fixtures
Dead End Strap
• Dead-end strap made of high quality G90 pre-galvanized steel used to dead-end a
drop cable at the house service mast.
Angle Screw Fixture
• Used to attach bail wire type drop wire clamp to building.
• Mechanically galvanized ASTMB695.
Part Number
Description
Inner
Pack
Outer
Pack
SC11-1
From 1" to 4" Diameter Mast
--
100
Bridle Rings
• Used to support cable runs and electrical wiring.
• Mechanically galvanized ASTMB695.
Part
Number
Description
Style
Eye
Dia.
Thread
Size
Max.
Load
Inner
Pack
Outer
Pack
31-00810
Wood Screw Bridle Ring
A
1-5/8"
#14
75 lbs.
--
100
31-00812
Wood Screw Bridle Ring
C
1-1/4"
#14
75 lbs.
--
100
31-00819
Wood Screw Bridle Ring
G
7/8"
#10
50 lbs.
25
100
31-00821
Machine Screw Bridle Ring
K
3/4"
#10-24 50 lbs.
100
1,000
31-00823
Machine Screw Bridle Ring
M
1-1/4" #10-24 50 lbs.
--
100
31-00824
Machine Screw Bridle Ring
P
1-3/4" #10-24 50 lbs.
--
100
31-00825
Machine Screw Bridle Ring
Q
1-1/4" 1/4"-20 50 lbs.
--
100
31-00827
Machine Screw Bridle Ring
R
1-5/8" #10-24 50 lbs.
--
100
31-00823
31-00819
31-00810
Part
Number
Description
Wood
Screw
Diameter
Shank
Diameter
Length
Machine
Thread
Length
Insulator
Shank
Length
Inner
Pack
Outer
Pack
33-00840
Angle Screw Fixture
5/16" (18)
9/32" x 2-1/4"
1"
1-1/2"
--
150
33-00841
Angle Screw Fixture
3/8"
3/8" x 2"
1-1/8"
2-1/2"
--
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com