Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VG7050CAN Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # VG7050CAN
Description  VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

VG7050CAN Datasheet(HTML) 1 Page - Seiko Instruments Inc

  VG7050CAN Datasheet HTML 1Page - Seiko Instruments Inc VG7050CAN Datasheet HTML 2Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
Crystal oscillator
Crystal oscillator
Crystal oscillator
Crystal oscillator
Item
Symbol
Specifications
Conditions / Remarks
Output frequency range
f0
30.72 MHz
Please contact us about available frequencies.
(1.25 MHz to 80 MHz)
Supply voltage
Vcc
3.3 V
±0.165 V
Storage temperature range
T_stg
-40
°C to +125 °C
Storage as single product
Operating temperature range
T_use
-40
°C to +85 °C
Current consumption
Icc
15 mA Max.
CL=15pF
Frequency tolerance *1
f_tol
±50 × 10
-6 Max.
Frequency control range
F_cont
±100 × 10
-6 Min.
Vc= 1.65 V
±1.65 V
Absolute pull range *2
APR
±50×10
-6 Min.
Vc= 1.65 V
±1.65 V
Modulation band width
BW
10 kHz Min.
±3 dB (refer to response at 1kHz)
Input resistance
Rin
10 M
Ω Min.
DC level
Frequency change polarity
―
Positive
Vc= 1.65 V
±1.65 V
Symmetry
SYM
45 % to 55 %
50 % Vcc level
Output voltage
VOH
90 % Vcc Min.
VOL
10 % Vcc Max.
Output load condition
L_CMOS
15 pF Max.
CMOS
Rise/Fall times
Tr/Tf
5 ns Max.
at 20 % to 80 % Vcc level
Start-up time
T_str
10ms Max.
t=0 at 90 % Vcc
*1 Frequency tolerance includes initial frequency tolerance, temperature variation, supply voltage variation, reflow drift, and aging (+25
°C, 10 years).
*2 Absolute pull range = Frequency control range - Frequency tolerance
Please keep VC pin open or ground while powering up Vcc.
Product name
VG2520 CAN 30.720000 MHz
C
J
G
N
B
B
(Standard form)
Model
Output (C: CMOS)
Frequency
Supply voltage (C: 3.3 V Typ.)
Frequency tolerance (J: ±50 × 10
-6 Max.)
Operating temperature (G: -40 to +85°C)
OE Function (N: Non, S: Standby)
Absolute Pull Range ( B: ±50 × 10
-6 Min.)
Internal identification code
External dimensions
(Unit :mm)
Footprint (Recommended)
(Unit :mm)
Specifications (characteristics)
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO)
OUTPUT : CMOS
VG2520CAN
VG7050CAN
•Frequency range
:
30.72 MHz
•Supply voltage
:
3.3 V
• Absolute pull range : ±50×10-6 Min.
•Output
:
CMOS
To maintain stable operation, provide by-pass capacitor with
more than 0.1
µF at a location as near as possible to the power
source terminal of the crystal products (between VCC - GND).
Product Number (please contact us)
VG2520CAN: X1G004401xxxx00
VG7050CAN: X1G004531xxxx00
Resist
C
(ex. 0.1 µF)
#1
#2
#3
#4
1.7
1.1
VG2520CAN
(2.5 × 2.0 × 0.7 mm)
VG7050CAN
(7.0 × 5.0 × 1.4 mm)
VG7050CAN
VG2520CAN
Pin map
Pin
Connection
1
Vc
2
GND
3
OUT
4
Vcc
30.7BJ
V361K
2.5
#1
#2
#4
#3
0.9
#2
#3
0.8
#1
#4
VG7050CAN
VG2520CAN
VG7050CAN
#5
#2
1.8
5.0
#1
#3
#4
#6
Resist
Cby
ST pin = "H" or "open": Specified frequency output.
ST pin = "L" : Output is high impedance.
7.0±0.2
E 30.72HB
CAH6J7K
#1
#2
#3
#4
#5
#6
#1
#3
#2
#6
#4
1.4
#5
5.08
2.54
Pin map
Pin
Connection
1
Vc
2
ST
3
GND
4
OUT
5
N.C.
6
Vcc
VG2520CAN
VG7050CAN


Similar Part No. - VG7050CAN

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
VG7050CAN EPSONTOYOCOM-VG7050CAN Datasheet
586Kb / 2P
VC-TCXO Ultra High Stablity
logo
Epson Company
VG7050CAN EPSON-VG7050CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results

Similar Description - VG7050CAN

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
BJ-SERIES TXC-BJ-SERIES Datasheet
961Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com