Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8V-1A7T-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G8V-1A7T-R
Description  Micro 280 terminal layout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8V-1A7T-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  G8V-1A7T-R Datasheet HTML 1Page - Omron Electronics LLC G8V-1A7T-R Datasheet HTML 2Page - Omron Electronics LLC G8V-1A7T-R Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
66
G8V
Automotive Micro 280 relay
■ Dimensions (Unit: mm)
* Tolerance unless otherwise specified Less than 1 mm: ±0.1 mm
Less than 1 to 3 mm: ±0.2 mm
3 mm or more: ±0.3 mm
Country
of origin
22.5±0.5
15±0.5
3.90
7.80
2.8±0.15
11±0.5
16.2
0.825±0.05
85
87
86
30
25.5±0.5
85
87
30
86
G8V-1A7T-R
Terminal arrangement /
Internal connections
(BOTTOM VIEW)
Country
of origin
30
85
87a
86
87
3.90
7.80
2.8±0.15
11±0.5
8.1
16.2
0.825±0.05
85
87a
87
86
30
25.5±0.5
22.5±0.5
15±0.5
G8V-1C7T-R
Terminal arrangement /
Internal connections
(BOTTOM VIEW)
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product
specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com