Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8V-1C7T-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8V-1C7T-R
Description  Micro 280 terminal layout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8V-1C7T-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8V-1C7T-R Datasheet HTML 1Page - Omron Electronics LLC G8V-1C7T-R Datasheet HTML 2Page - Omron Electronics LLC G8V-1C7T-R Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
65
G8V
Automotive Micro 280 relay
■ Performance
■ Packing
Note: All values above are measured in early time under an ambient temperature of +20 C and humidity of 65% unless stated
*1. The value stated is at maximum temperature in a guaranteed ambient temperature.
*2. Bounce time is not included.
*3. Measured at DC500V.
*4. Measured under 1mA of leak current, 50/60Hz for 1minute.
*5. Minimum Order Quantity is subject to change, please feel free to contact our sales representatives.
Item
Standard value
Voltage drop
between
terminals
N.O. side
150mV or less, 10A
N.C. side
175mV or less, 10A
Operating time*2
Max. 10ms at 14V (Normally 4ms)
Release time*2
Max. 10ms at 14V (Normally 1.8 ms)
Insulation
resistance*3
Between coil and terminal
20M
or more
Between homopolar contacts
20M
or more
Withstand
voltage*4
Between coil and terminal
AC500V, for 1minute
Between homopolar contacts
AC500V, for 1minute
Vibration
tolerance
Durability
33Hz 43.1m/s2
Malfunction
20 to 500Hz 43.1m/s2
Mechanical endurance
1,000,000 times
Electrical endurance
100,000 times (load dependent)
Ambient temperature
40 to +125 C
Ambient humidity
35 to 95%RH
Weight
Approx. 19.3g
Packing form
Tray
MOQ*5
480pcs (96pcs×5trays)
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product
specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com