Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8VA-1A4T-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8VA-1A4T-R
Description  Automotive low profile micro 280 terminal layout relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8VA-1A4T-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8VA-1A4T-R Datasheet HTML 1Page - Omron Electronics LLC G8VA-1A4T-R Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G8VA
Automotive low profile micro 280 terminal layout relay
■ Performance
■ Packing
Note: All values above are measured in early time under an ambient temperature of +20
C and humidity of 65% unless stated.
*1. The value stated is at maximum temperature in a guaranteed ambient temperature.
*2. It changes depend on how a rated voltage is operated, but bounce-time is not included.
*3. Measured at DC500V.
*4. Measured under 1mA of leak current, 50/60Hz for 1minute.
*5. Minimum Order Quantity is subject to change, please feel free to contact our sales representatives.
■ Dimensions (Unit: mm)
* Tolerance unless otherwise specified Less than 1 mm: ±0.1 mm
Less than 1 to 3 mm: ±0.2 mm
3 mm or more: ±0.3 mm
Item
Value of Standard
Voltage drop between terminals
200mV or less, 15A
Operating time*2
10ms or less
Release time*2
10ms or less
Insulation
resistance*3
Between coil and terminal
10M
 or more
Between homopolar contacts
10M
 or more
Withstand
voltage*4
Between coil and terminal
AC500V for 1minute
Between homopolar contacts
AC500V for 1minute
Vibration
tolerance
Durability
33Hz 44.1m/s2
Malfunction
33Hz 44.1m/s2
Shock
resistance
Durability
1000m/s2 (Operating time:6ms)
Malfunction
100m/s2 (Operating time:11ms)
Mechanical endurance
1,000,000 times
Electrical endurance
100,000 times
Ambient temperature
30 to +100C
Ambient humidity
35 to 85%RH
Weight
10g
Packing form
Tray
MOQ*5
500pcs (50pcs×10 trays)
15.5
±0.5
2.8
±0.1
15
±0.5
8.1
±0.15
7.8
±0.15
16.4
±0.3
11
±0.5
R0.8 (All round)
0.8
+0.05
−0.03
52
1
3
52
1
3
Lot No.
Customer part No. or type
Rated voltage
Country of origin
G8VA-1A4T-R
Terminal arrangement /
Internal connections
(BOTTOM VIEW)
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product specifications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com