Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8V-1C7T-R-DC12 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G8V-1C7T-R-DC12
Description  Micro 280 terminal layout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8V-1C7T-R-DC12 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G8V-1C7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8V-1C7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8V-1C7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
64
G8V
Automotive Micro 280 relay
Micro 280 terminal layout
• Both SPST and SPDT available
• Miniaturized package (reduced outer length and
width)
• L x W x H = 22.5 x 15 x 25.5 mm nominal
• 280-terminal type
• Full automated assembly
■ Type standard
G8V-
@@@@-@
➀ ➁➂➃ ➄
■ Classification
■ Ratings
● Operation coil
● Switching area
Classification
Symbol
Meaning of the symbol
Number of contact poles
1
Number of contact poles
Contact structure
A
1a contact
C
1c contact
Protective structure
7
Unsealed (In a case)
Terminal form
T
Plug-in type
Surge suppressor
R
Built-in resistor
Classification
Terminal form
Contact structure
Protective structure
Rated coil
Type
Voltage (V)
Resistance ( )
280 Micro
Plug-in 280 terminal
SPST (1a)
Unsealed (In a case)
DC12
85
G8V-1A7T-R
SPDT (1c)
G8V-1C7T-R
Rated
voltage
(V)
Coil resistance ( )
Rated
current
(mA)
Operating
voltage
(V)
Release
voltage
(V)
Service voltage
range
(V)
Rated power
consumption
(mW)
Between
terminals
Internal coil
Surge
suppressor
resistance
DC12
85
97
1/2W 680
141
8.0 or less
1.0 or more
DC10 to 16
1694
Item
Performance
Contact material
Silver alloy
Rated voltage
DC12V
Rated load
N.O. side
Resistance load, 20A
N.C. side
Resistance load, 10A
Inrush current
N.O. side
60A
N.C. side
30A
Continuous carry
current*1
N.O. side
20A
N.C. side
10A
Min. Carry / Switching Current
DC12V 1A
Please confirm Omron Safety Precautions for all automotive relays first.
Omron can not guarantee automotive relays before finish making a contract with product
specifications.


Similar Part No. - G8V-1C7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8V-RH-1A7T-R OMRON-G8V-RH-1A7T-R Datasheet
340Kb / 3P
High current Micro 280 terminal layout
G8V-RH-1A7T-R-DC12 OMRON-G8V-RH-1A7T-R-DC12 Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8V-RH-1A7TR-DC12 OMRON-G8V-RH-1A7TR-DC12 Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8V-RH-1C7T-R OMRON-G8V-RH-1C7T-R Datasheet
340Kb / 3P
High current Micro 280 terminal layout
More results

Similar Description - G8V-1C7T-R-DC12

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ACV11012 NAIS-ACV11012 Datasheet
134Kb / 4P
AUTOMOTIVE LOW PROFILE MICRO-ISO/MICRO-280 RELAY
logo
Omron Electronics LLC
G8V-RH OMRON-G8V-RH Datasheet
581Kb / 5P
High-Current Micro 280 Automotive Relay
G8VA OMRON-G8VA Datasheet
444Kb / 2P
Automotive low profile micro 280 terminal layout relay
G8VL-1A4T-R-L OMRON-G8VL-1A4T-R-L Datasheet
175Kb / 3P
Miniaturized Micro 280 SPST Plug In with Resistor
logo
American Electronic Com...
DG91 AEC-DG91 Datasheet
275Kb / 3P
micro 280 automotive relay
logo
Willow Technologies Ltd
DG91 WILLOW-DG91 Datasheet
269Kb / 3P
micro 280 automotive relay
logo
Littelfuse
LFMCRPLX004 LITTELFUSE-LFMCRPLX004 Datasheet
819Kb / 2P
18A-30A ??12V DC ??Micro 280 Form Factor
LFMCRPLXKIT7X LITTELFUSE-LFMCRPLXKIT7X Datasheet
327Kb / 2P
9-30V DC ??Micro 280 Form Factor
logo
Omron Electronics LLC
G8W OMRON-G8W_V01 Datasheet
901Kb / 4P
Mini 280 terminal layout
G8V-RH OMRON-G8V-RH_V01 Datasheet
340Kb / 3P
High current Micro 280 terminal layout
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com