Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACLPR
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACLPR Datasheet(HTML) 4 Page - Texas Instruments

  TL431ACLPR Datasheet HTML 1Page - Texas Instruments TL431ACLPR Datasheet HTML 2Page - Texas Instruments TL431ACLPR Datasheet HTML 3Page - Texas Instruments TL431ACLPR Datasheet HTML 4Page - Texas Instruments TL431ACLPR Datasheet HTML 5Page - Texas Instruments TL431ACLPR Datasheet HTML 6Page - Texas Instruments TL431ACLPR Datasheet HTML 7Page - Texas Instruments TL431ACLPR Datasheet HTML 8Page - Texas Instruments TL431ACLPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
Reel of 3000
TL431QDBVR
TBD
SOT-23-5 (DBV)
Reel of 250
TL431QDBVT
TBD
SOT-23-5 (DBV)
Reel of 3000
TL432QDBVR
TBD
−40
°C to 125°C
Reel of 250
TL432QDBVT
TBD
−40
°C to 125°C
Reel of 3000
TL431QDBZR
TBD
SOT-23-3 (DBZ)
Reel of 250
TL431QDBZT
TBD
SOT-23-3 (DBZ)
Reel of 3000
TL432QDBZR
TBD
Reel of 250
TL432QDBZT
TBD
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site.
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431ACP
TL431ACP
SC-70 (DCK)
Reel of 3000
TL431ACDCKR
TBD
SC-70 (DCK)
Reel of 250
TL431ACDCKT
TBD
SOIC (D)
Tube of 75
TL431ACD
431AC
SOIC (D)
Reel of 2500
TL431ACDR
431AC
SOP (PS)
Reel of 2000
TL431ACPSR
T431A
Reel of 3000
TL431ACDBVR
TAC_
SOT-23-5 (DBV)
Reel of 250
TL431ACDBVT
TAC_
SOT-23-5 (DBV)
Reel of 3000
TL432ACDBVR
TAB_
0
°C to 70°C
Reel of 250
TL432ACDBVT
TAB_
0
°C to 70°C
Reel of 3000
TL431ACDBZR
TAC_
SOT-23-3 (DBZ)
Reel of 250
TL431ACDBZT
TAC_
SOT-23-3 (DBZ)
Reel of 3000
TL432ACDBZR
TAB_
Reel of 250
TL432ACDBZT
TAB_
SOT-89 (PK)
Reel of 1000
TL431ACPK
4A
Bulk of 1000
TL431ACLP
TL431AC
TO-226/TO-92 (LP)
Ammo of 2000
TL431ACLPM
TL431AC
TO-226/TO-92 (LP)
Reel of 2000
TL431ACLPR
TL431AC
TSSOP (PW)
Tube of 150
TL431ACPW
T431A
TSSOP (PW)
Reel of 2000
TL431ACPWR
T431A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com