Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N70 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 10N70
Description  Simple Drive Requirements
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

10N70 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  10N70 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 10N70 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc N-Channel MOSFET Transistor
10N70
·FEATURES
·Drain Current
–I
D= 10A@ TC=25℃
·Drain Source Voltage-
: VDSS= 700V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 1.2Ω(Max)
·Avalanche Energy Specified
·Fast Switching
·Simple Drive Requirements
·DESCRITION
·Switch mode power supply.
·ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
700
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
10
A
IDM
Drain Current-Single Plused
40
A
PD
Total Dissipation @TC=25℃
150
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.83
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
40
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 10N70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N70 UTC-10N70 Datasheet
196Kb / 6P
10A, 700V N-CHANNEL POWER MOSFET
10N70 UTC-10N70 Datasheet
243Kb / 7P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
logo
Inchange Semiconductor ...
10N70-3PN ISC-10N70-3PN Datasheet
205Kb / 2P
N-Channel MOSFET Transistor
logo
Unisonic Technologies
10N70-C UTC-10N70-C Datasheet
218Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
10N70-Q UTC-10N70-Q Datasheet
207Kb / 6P
N-CHANNEL POWER MOSFE
More results

Similar Description - 10N70

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com