Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25TTS08 Datasheet(PDF) 2 Page - International Rectifier

Part # 25TTS08
Description  PHASE CONTROL SCR TO-220 FULLPAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08 Datasheet(HTML) 2 Page - International Rectifier

  25TTS08 Datasheet HTML 1Page - International Rectifier 25TTS08 Datasheet HTML 2Page - International Rectifier 25TTS08 Datasheet HTML 3Page - International Rectifier 25TTS08 Datasheet HTML 4Page - International Rectifier 25TTS08 Datasheet HTML 5Page - International Rectifier 25TTS08 Datasheet HTML 6Page - International Rectifier 25TTS08 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
25TTS..FP
SAFEIR Series
Bulletin I2135 rev. D 03/99
www.irf.com
Part Number
V
RRM
, maximum
V
DRM
, maximum
I
RRM/
I
DRM
peak reverse voltage
peak direct voltage
125°C
VV
mA
25TTS08FP
800
800
10
25TTS12FP
1200
1200
25TTS16FP
1600
1600
Voltage Ratings
I
T(AV)
Max.AverageOn-stateCurrent
16
A
@ T
C
=85°C,180°conductionhalfsinewave
I
RMS
Max.RMSOn-stateCurrent
25
I
TSM
Max.PeakOneCycleNon-Repetitive
300
10msSinepulse,ratedV
RRMapplied
SurgeCurrent
350
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
450
A2s
10msSinepulse,ratedV
RRM
applied
630
10msSinepulse,novoltagereapplied
I2
√t
Max. I2
√t for fusing
6300
A2
√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max.On-stateVoltageDrop
1.25
V
@ 16A, T
J
= 25°C
r
t
On-state slope resistance
12.0
m
Ω
T
J
= 125°C
V
T(TO) Threshold Voltage
1.0
V
I
RM
/I
DM
Max.Reverse and Direct
0.5
mA
T
J
= 25 °C
Leakage Current
10
T
J = 125 °C
I
H
Holding Current
Typ.
Max.
Anode Supply = 6V, Resistive load, Initial I
T
=1A
--
100
mA
25TTS08FP, 25TTS12FP
100
150
25TTS16FP
I
L
Max.LatchingCurrent
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. Rate of Rise of off-state Voltage
500
V/µs
di/dt Max. Rate of Rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
25TTS..FP Units
Conditions
V
R
= rated V
RRM
/ V
DRM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com