Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBS4-LED5-4 Datasheet(PDF) 78 Page - Lumberg

Part # ASBS4-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS4-LED5-4 Datasheet(HTML) 78 Page - Lumberg

Back Button ASBS4-LED5-4 Datasheet HTML 74Page - Lumberg ASBS4-LED5-4 Datasheet HTML 75Page - Lumberg ASBS4-LED5-4 Datasheet HTML 76Page - Lumberg ASBS4-LED5-4 Datasheet HTML 77Page - Lumberg ASBS4-LED5-4 Datasheet HTML 78Page - Lumberg ASBS4-LED5-4 Datasheet HTML 79Page - Lumberg ASBS4-LED5-4 Datasheet HTML 80Page - Lumberg ASBS4-LED5-4 Datasheet HTML 81Page - Lumberg ASBS4-LED5-4 Datasheet HTML 82Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
78
M23-Round Connectors
M23-Field Attachable Connectors
0976 PMC 501
RKC.../13,5
RKCW.../13,5
0906 UFC 201 | 0906 UFC 202
0956 IFC 201
Part No.
0976 PMC 501
Part No.
RKC 120/13,5
RKC 190/13,5
Part No.
RKCW 120/13,5
RKCW 190/13,5
Part No.
0906 UFC 201
0906 UFC 202
Part No.
0956 IFC 201
M23 Field Attachable, Male Straight
Field Attachable Connector, SUBD Male, 9-Poles for
Profibus, switch-on terminating resistor, Assembling
with Screw Terminals, IP 67 Rated.
M23 Field Attachable, Female Straight
Field Attachable Connector, M23 Female Straight,
12- and 19-Poles with Threaded Joint, Assembling
with Solder Connections, IP 67 Rated.
Screw Joints for Cables
Ø 10,0-14,0 mm
M23 Field Attachable, Female 90˚
Field Attachable Connector, M23 Female 90
˚,
12- and 19-Poles with Threaded Joint, Assembling
with Solder Connections, IP 67 Rated.
Screw Joints for Cables
Ø 10,0-14,0 mm
M23 Field Attachable, Female Straight
Field Attachable Connector, M23 Female Straight,
6-Poles, 0906 UFC 201: Assembling with Solder
Connections, 0906 UFC 202: Assembling with Screw
Terminals, IP 67 Rated.
– Especially suitable for power supply Profibus and
Interbus applications –
Screw Joints for Cables
Ø 10,5 mm
M23 Field Attachable, Female Straight
Field Attachable Connector, M23 Female Straight,
9-Poles, Assembling with Solder Connections, IP 67
Rated.
– Especially suitable for Interbus installation and
remote bus cables –
Screw Joints for Cables
Ø 10,5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com