Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBS6-LED5-4 Datasheet(PDF) 39 Page - Lumberg

Part # ASBS6-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS6-LED5-4 Datasheet(HTML) 39 Page - Lumberg

Back Button ASBS6-LED5-4 Datasheet HTML 35Page - Lumberg ASBS6-LED5-4 Datasheet HTML 36Page - Lumberg ASBS6-LED5-4 Datasheet HTML 37Page - Lumberg ASBS6-LED5-4 Datasheet HTML 38Page - Lumberg ASBS6-LED5-4 Datasheet HTML 39Page - Lumberg ASBS6-LED5-4 Datasheet HTML 40Page - Lumberg ASBS6-LED5-4 Datasheet HTML 41Page - Lumberg ASBS6-LED5-4 Datasheet HTML 42Page - Lumberg ASBS6-LED5-4 Datasheet HTML 43Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
39
M12 Male Straight – M12 Female 90˚
M12 Cordsets, Double Ended, Male Straight to
Female 90
˚ with Threaded Connector 3-, 4- and
5-Poles with Molded Cable. IP 67 Rated.
Cable Types:
18 AWG
731 | 637
= TPE, yellow
645 | 602
= PUR, yellow
Cable Types:
22 AWG
632 | 633 | 612
= PVC, yellow
610 | 679 | 644
= PUR, yellow
643
= TPE, yellow
RST-RKWT
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M12-M12
M12 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M12-M12, High-Grade Stainless Steel
M12 Male Straight – M12 Female Straight
M12 Cordsets, Double Ended, Male Straight to
Female Straight with Stainless Steel Threaded
Connector and Nut, 4-Poles with Molded Cable.
IP 69 K Rated.
– especially designed for use in
Food Processing equipment –
Cable Types:
07
= PVC, orange
PRST-PRKT
Part No.
PRST 4-PRKT 4-07/2 M
PRST 4-PRKT 4-07/5 M
Cordsets
Double-Ended
Part No.
Part No.
RST 3-RKWT 4-3-731/0,3 M
RST 4-RKWT 4-643/0,3 M
RST 3-RKWT 4-3-731/0,6 M
RST 4-RKWT 4-643/0,6 M
RST 3-RKWT 4-3-731/1 M
RST 4-RKWT 4-643/1 M
RST 3-RKWT 4-3-731/2 M
RST 4-RKWT 4-643/2 M
RST 3-RKWT 4-3-731/5 M
RST 4-RKWT 4-643/3 M
RST 3-RKWT 4-3-632/0,3 M
RST 4-RKWT 4-643/5 M
RST 3-RKWT 4-3-632/0,6 M
RST 4-RKWT 4-602/0,3 M
RST 3-RKWT 4-3-632/1 M
RST 4-RKWT 4-602/0,6 M
RST 3-RKWT 4-3-632/2 M
RST 4-RKWT 4-602/1 M
RST 3-RKWT 4-3-632/5 M
RST 4-RKWT 4-602/2 M
RST 3-RKWT 4-3-645/0,3 M
RST 4-RKWT 4-602/3 M
RST 3-RKWT 4-3-645/0,6 M
RST 4-RKWT 4-602/5 M
RST 3-RKWT 4-3-645/1 M
RST 4-RKWT 4-679/0,3 M
RST 3-RKWT 4-3-645/2 M
RST 4-RKWT 4-679/0,6 M
RST 3-RKWT 4-3-645/5 M
RST 4-RKWT 4-679/1 M
RST 3-RKWT 4-3-610/0,3 M
RST 4-RKWT 4-679/2 M
RST 3-RKWT 4-3-610/0,6 M
RST 4-RKWT 4-679/3 M
RST 3-RKWT 4-3-610/1 M
RST 4-RKWT 4-679/5 M
RST 3-RKWT 4-3-610/2 M
RST 5-RKWT 5-612/0,3 M
RST 3-RKWT 4-3-610/5 M
RST 5-RKWT 5-612/0,6 M
RST 4-RKWT 4-637/0,3 M
RST 5-RKWT 5-612/1 M
RST 4-RKWT 4-637/0,6 M
RST 5-RKWT 5-612/2 M
RST 4-RKWT 4-637/1 M
RST 5-RKWT 5-612/5 M
RST 4-RKWT 4-637/2 M
RST 5-RKWT 5-644/0,3 M
RST 4-RKWT 4-637/3 M
RST 5-RKWT 5-644/0,6 M
RST 4-RKWT 4-637/5 M
RST 5-RKWT 5-644/1 M
RST 4-RKWT 4-633/0,3 M
RST 5-RKWT 5-644/2 M
RST 4-RKWT 4-633/0,6 M
RST 5-RKWT 5-644/5 M
RST 4-RKWT 4-633/1 M
RST 4-RKWT 4-633/2 M
RST 4-RKWT 4-633/3 M
RST 4-RKWT 4-633/5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com