Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBS8-LED5-4 Datasheet(PDF) 51 Page - Lumberg

Part # ASBS8-LED5-4
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBS8-LED5-4 Datasheet(HTML) 51 Page - Lumberg

Back Button ASBS8-LED5-4 Datasheet HTML 47Page - Lumberg ASBS8-LED5-4 Datasheet HTML 48Page - Lumberg ASBS8-LED5-4 Datasheet HTML 49Page - Lumberg ASBS8-LED5-4 Datasheet HTML 50Page - Lumberg ASBS8-LED5-4 Datasheet HTML 51Page - Lumberg ASBS8-LED5-4 Datasheet HTML 52Page - Lumberg ASBS8-LED5-4 Datasheet HTML 53Page - Lumberg ASBS8-LED5-4 Datasheet HTML 54Page - Lumberg ASBS8-LED5-4 Datasheet HTML 55Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
51
M23 Male Straight – M23 Female 90˚
M23 Cordsets, Double Ended, Male Striaght to
Female 90
˚ Connector, 19-Poles with Threaded Joint,
IP 67 Rated.
– control cable for actuator/sensor boxes –
Cable Types:
355
= PUR, grey
RSUF-RKWU
M23 Double-Ended Cordsets for Actuators, Sensors and Distribution Boxes
Connector Types: M23-M23
Part No.
RSUF 19-RKWU 19-355/2 M
RSUF 19-RKWU 19-355/5 M
RSUF 19-RKWU 19-355/10 M
M23 Male 90˚ – M23 Female 90˚
M23 Cordsets, Double Ended, Male 90
˚ to Female 90˚
Connector, 12-Poles with Threaded Joint,
IP 67 Rated.
– control cable for actuator/sensor boxes –
Cable Types:
256
= PUR, halogen-free, black
RSWU-RKWU
Part No.
RSWU 12-RKWU 12-256/5 M
RSWU 12-RKWU 12-256/10 M
RSWU 12-RKWU 12-256/15 M
RSWU 12-RKWU 12-256/20 M
Cordsets
Double-Ended
Mini 1 1/8” Double-Ended Cordsets, C Body Style, 16 and 18 AWG
1 1/8” C Body-Male Str to Female Str
Mini Cordsets, Single Ended, 1 1/8”” Female Straight
Connector, 9-, 10-, 12- and 19-Poles with Internal
Threads and Molded Cable. IP 67 Rated.
Color Code:
U.S.
Cable Types:
16 AWG
623 | 699
= PVC, yellow
724
= TPE, yellow
Cable Types:
18 AWG
651 | 652 | 654
= PUR, yellow
Color Code:
Numeric
Cable Types:
18 AWG
676 | 669
= PUR, yellow
RSRK 901M...1901M
Part No.
Part No.
RSRK 901M-623/6 F
RSRK 1201M-724/6 F
RSRK 901M-623/12 F
RSRK 1201M-724/12 F
RSRK 901M-623/15 F
RSRK 1201M-724/15 F
RSRK 901M-623/20 F
RSRK 1201M-724/20 F
RSRK 901M-623/30 F
RSRK 1201M-724/30 F
RSRK 901M-651/6 F
RSRK 1201M-654/6 F
RSRK 901M-651/12 F
RSRK 1201M-654/12 F
RSRK 901M-651/15 F
RSRK 1201M-654/15 F
RSRK 901M-651/20 F
RSRK 1201M-654/20 F
RSRK 901M-651/30 F
RSRK 1201M-654/30 F
RSRK 1001M-699/6 F
RSRK 1201M-676/1 M
RSRK 1001M-699/12 F
RSRK 1201M-676/2 M
RSRK 1001M-699/15 F
RSRK 1201M-676/3 M
RSRK 1001M-699/20 F
RSRK 1201M-676/5 M
RSRK 1001M-699/30 F
RSRK 1201M-676/15 M
RSRK 1001M-652/6 F
RSRK 1901M-669/2 M
RSRK 1001M-652/12 F
RSRK 1901M-669/5 M
RSRK 1001M-652/15 F
RSRK 1001M-652/20 F
RSRK 1001M-652/30 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com