Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV4-LED5 Datasheet(PDF) 64 Page - Lumberg

Part # ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Datasheet(HTML) 64 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 60Page - Lumberg ASBSV4-LED5 Datasheet HTML 61Page - Lumberg ASBSV4-LED5 Datasheet HTML 62Page - Lumberg ASBSV4-LED5 Datasheet HTML 63Page - Lumberg ASBSV4-LED5 Datasheet HTML 64Page - Lumberg ASBSV4-LED5 Datasheet HTML 65Page - Lumberg ASBSV4-LED5 Datasheet HTML 66Page - Lumberg ASBSV4-LED5 Datasheet HTML 67Page - Lumberg ASBSV4-LED5 Datasheet HTML 68Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
64
Mini Receptacle Connectors, Front-Mount
7/8”-A Body | 1”-B Body-Receptacles
Receptacle Connector, 7/8”-A Body, Male, 2- 3-, 4-
and 5-Poles, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread PG
13,5 Screw Connection (Panel Nut RSKF 13,5), IP 67
Rated.
RSF.../13.5
Part No.
RSF 20/13,5-03
RSF 30/13,5-01
RSF 30/13,5-05
RSF 40/13,5-02
RSF 50/13,5-04
Receptacle Connector, 7/8”-A Body, Male, 2- 3-, 4-
and 5-Poles, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread PG 11
Screw Connection (Panel Nut RSKF 11),
IP 67 Rated.
RSF.../11
Part No.
RSF 20/11-03
RSF 30/11-01
RSF 30/11-05
RSF 40/11-02
RSF 50/11-04
Receptacle Connectors In Accordance With IEC 61076-2-101
1/2”-20-Receptacles
Receptacle Connector, 1/2”-20, Dual-Keyway,
Female, 3-, 4- and 5-Pole, For Front Mounting,
Assembled Stranded Wire, Potted with Epoxy, Chassis
Side Thread 1/4”-18 NPT Screw Connection, IP 67
Rated.
Automotive Color Code
Receptacle Connector, 1/2”-20, Dual-Keyway, Male,
3-, 4- and 5-Pole, Insert.
RKF 3 U...5 U
RSE 3 U...5 U
Part No.
RKF 3 U/1 F
RKF 4 U/1 F
RKF 5 U/1 F
Part No.
RSE 3 U
RSE 4 U
RSE 5 U
Receptacle Connector, 1/2”-20, Dual-Keyway, Male,
3-, 4- and 5-Pole, For Front Mounting, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread 1/4”-18 NPT Screw Connection, IP 67 Rated.
Automotive Color Code
RSF 3 U...5 U
Part No.
RSF 3 U/1 F
RSF 4 U/1 F
RSF 3 U/0,5 M
RSF 5 U/0,5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com