Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV4-LED5 Datasheet(PDF) 102 Page - Lumberg

Part # ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Datasheet(HTML) 102 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 98Page - Lumberg ASBSV4-LED5 Datasheet HTML 99Page - Lumberg ASBSV4-LED5 Datasheet HTML 100Page - Lumberg ASBSV4-LED5 Datasheet HTML 101Page - Lumberg ASBSV4-LED5 Datasheet HTML 102Page - Lumberg ASBSV4-LED5 Datasheet HTML 103Page - Lumberg ASBSV4-LED5 Datasheet HTML 104Page - Lumberg ASBSV4-LED5 Datasheet HTML 105Page - Lumberg ASBSV4-LED5 Datasheet HTML 106Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
102
AS-Interface
Modules with Flat Cable and Round Cable Connection, 4 IN/4 OUT | Passive Modules
0910 ASL 408
0910 ASL 135
0910 ASL 424
0910 ASL 425
0911 ANC 002/...M
4 IN/4 OUT | Version 2.1
AS-Interface Flat Cable Module with 4 Digital Inputs
to Connect Standard Sensors and 4 Digital Outputs
to Connect Standard Actuators, M12 Socket, Infrared
Interface for the Addressing.
4 IN/4 OUT | M12
AS-Interface Module with 4 Digital Inputs to Connect
Standard Sensors and 4 Digital Outputs to Connect
Standard Actuators, M12 Socket, M12
Bus Connection.
4 IN/4 OUT | Version 2.1
AS-Interface Module with Housing and Receptacle
Shells in Stainless Steel, 4 Digital Inputs (Y
Connected) to Connect Standard Sensors and
4 Digital Outputs (2 A, Y Connected) to Connect
Standard Actuators, M12 Bus Connection.
– especially designed for food and
beverage equipment –
4 IN/4 OUT | Version 2.1
AS-Interface Module with Housing and Receptacle
Shells in Stainless Steel, 4 Digital Inputs to Connect
Standard Sensors and 4 Digital Outputs (2 A) to
Connect Standard Actuators, M12 Bus Connection.
– especially designed for food and
beverage equipment –
AS-Interface Passive Module to Connect 4
AS-Interface Sensors, AS-Interface Actuators or
AS-Interface Round Cable Modules, 4 Ports, M12
Socket, with Connection for AS-Interface Standard
Round Cables
Part No.
0910 ASL 408
Part No.
0910 ASL 135
Part No.
0910 ASL 424
Part No.
0910 ASL 425
Part No.
0911 ANC 002/5 M
0911 ANC 002/10 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com