Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV4-LED5 Datasheet(PDF) 156 Page - Lumberg

Part # ASBSV4-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV4-LED5 Datasheet(HTML) 156 Page - Lumberg

Back Button ASBSV4-LED5 Datasheet HTML 152Page - Lumberg ASBSV4-LED5 Datasheet HTML 153Page - Lumberg ASBSV4-LED5 Datasheet HTML 154Page - Lumberg ASBSV4-LED5 Datasheet HTML 155Page - Lumberg ASBSV4-LED5 Datasheet HTML 156Page - Lumberg ASBSV4-LED5 Datasheet HTML 157Page - Lumberg ASBSV4-LED5 Datasheet HTML 158Page - Lumberg ASBSV4-LED5 Datasheet HTML 159Page - Lumberg ASBSV4-LED5 Datasheet HTML 160Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
156
References
Cable Index and Connector Key/Pin Configurations
Fieldbus Color-Code-DeviceNet
Cable No.
Wire Color Code Gauge
Material
Jacket Color
Outside Diameter
UL
CSA
253
blue/white
red/black
2 x 0.25 mm2
2 x 0.34 mm2
PUR, Halogen-Free
Black
.264” / Ø 6.7 mm
AWM 20549
AWM I/II A/B
613
blue/white
red/black
Stranded Pairs
1 x 2 x 18 AWG
1 X 2 x 15 AWG
PVC - THICK
Grey
.430” / Ø 11.0 mm
CMG/PLTC-ER
CMG
614
blue/white
red/black
Stranded Pairs
1 x 2 x 22 AWG
1 X 2 x 24 AWG
PVC - THIN
Grey
.270” / Ø 6.9 mm
CMG/CL2
CMG
636
blue/white
red/black
Stranded Pairs
1 x 2 x 16 AWG
1 X 2 x 18 AWG
PVC - Tray
Grey
.525” / Ø 13.3 mm
TC-ER
AWM I/II A/B
709
blue/white
red/black
Stranded Pairs
1 x 2 x 16 AWG
1 X 2 x 20 AWG
TPE - MID
High-Flex
Black
.380” / Ø 9.7 mm
AWM 20626
AWM I/II A/B
710
blue/white
red/black
Stranded Pairs
1 x 2 x 22 AWG
1 X 2 x 24 AWG
TPE - THIN
High-Flex
Black
.280” / Ø 7.1 mm
AWM 20626
AWM I/II A/B
DeviceNet Wiring/Pin Digram
Connection 7/8”
Connection M12
Signal
7/8” to M12
Male, 5-Pole
7/8” to M12
Female, 5-Pole
Color
Male
Female
Male
Female
Shield
+24 V DC
0 V
CAN_H
CAN_L
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
Pin 1
Pin 2
Pin 3
Pin 4
Pin 5
-
red
black
white
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com