Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV6-LED5 Datasheet(PDF) 90 Page - Lumberg

Part # ASBSV6-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 Datasheet(HTML) 90 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 86Page - Lumberg ASBSV6-LED5 Datasheet HTML 87Page - Lumberg ASBSV6-LED5 Datasheet HTML 88Page - Lumberg ASBSV6-LED5 Datasheet HTML 89Page - Lumberg ASBSV6-LED5 Datasheet HTML 90Page - Lumberg ASBSV6-LED5 Datasheet HTML 91Page - Lumberg ASBSV6-LED5 Datasheet HTML 92Page - Lumberg ASBSV6-LED5 Datasheet HTML 93Page - Lumberg ASBSV6-LED5 Datasheet HTML 94Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
90
e2c 67
I/O Modules
0942 UEM 022 | 0942 UEM 201 | 0942 UEM 205 | 0942 UEM 027
0942 UEM 203
0942 UEM 040 | 0942 UEM 041
0941 UNC 100
Part No.
0942 UEM 022
0942 UEM 201
0942 UEM 205
0942 UEM 027
Part No.
0942 UEM 203
Part No.
0942 UEM 040
0942 UEM 041
Part No.
0941 UEM 100
8 OUT digital
0942 UEM 022: , 0.5 A Per Channel, Group Diagnostic
with Broken Wire Detection (150 mA), M12 Actuator
Connection
0942 UEM 201: 0.5 A Per Channel, Group Diagnostic,
M12 Actuator Connection
0942 UEM 205: 0.5 A Per Channel, Group Diagnostic,
M12 Actuator Connection, External Power Supply
0942 UEM 027: Group Diagnostic, Coupling from
Actuator/Sensor Distribution Boxes via M23 Female
Connector, 12-Poles.
16 OUT digital
e2c 67 I/O Module with 16 Digital outputs,0.1 A Per
Channel, Single Channel Diagnostic, M23 Actuator
Connection, 19-Poles.
2 OUT analog
0942 UEM 040: Single Channel Diagnostic, Output
Range ±10 V, Parameterizing, M12 Actuator
Connection.
0942 UEM 041: Single Channel Diagnostic, Output
Range ±20 ma / 4-20mA, Parameterizing, M12
Actuator Connection.
Cover Box
e2c 67 Cover Box for Un-used Slots on the
Backplane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com