Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSV6-LED5 Datasheet(PDF) 115 Page - Lumberg

Part # ASBSV6-LED5
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

ASBSV6-LED5 Datasheet(HTML) 115 Page - Lumberg

Back Button ASBSV6-LED5 Datasheet HTML 111Page - Lumberg ASBSV6-LED5 Datasheet HTML 112Page - Lumberg ASBSV6-LED5 Datasheet HTML 113Page - Lumberg ASBSV6-LED5 Datasheet HTML 114Page - Lumberg ASBSV6-LED5 Datasheet HTML 115Page - Lumberg ASBSV6-LED5 Datasheet HTML 116Page - Lumberg ASBSV6-LED5 Datasheet HTML 117Page - Lumberg ASBSV6-LED5 Datasheet HTML 118Page - Lumberg ASBSV6-LED5 Datasheet HTML 119Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
115
DeviceNet
DeviceNet
DeviceNet Field Attachable Connectors
0936 DMC 301 | 0936 DMC 302 | 0936 DMC 303
0936 DFC 101
0936 DFC 301 | 0936 DFC 303
0936 DMC 102
0936 DFC 102
Part No.
0936 DMC 301
0936 DMC 302
0936 DMC 303
Part No.
0936 DFC 101
Part No.
0936 DFC 301
0936 DFC 303
Part No.
0936 DMC 102
Part No.
0936 DFC 102
7/8” Field Attachable, Male Straight
Field Attachable Connector, 7/8”-Male Straight,
5-Poles with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Cable OD
0936 DMC 301: 6.0mm - 8.0 mm
0936 DMC 302: 8.8mm - 10,0mm
0936 DMC 303: 12.0mm - 14.0mm
M12 Field Attachable, Female Straight
Field Attachable Connector, M12-Female Straight,
5-Poles with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Cable OD
0936 DFC 101: 4.0mm - 8.0 mm
7/8” Field Attachable, Female Straight
Field Attachable Connector, 7/8”-Female Straight,
5-Poles with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Cable OD
0936 DMC 301: 6.0mm - 8.0 mm
0936 DMC 303: 12.0mm - 14.0mm
M12 Field Attachable, Male 90˚
Field Attachable Connector, M12-Male, 90
˚, 5-Poles
with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Cable OD
0936 DMC 102: 4.0mm - 8.0 mm
M12 Field Attachable, Female 90˚
Field Attachable Connector, M12-Female 90
˚,
5-Poles with Threaded Joint, Assembling with Screw
Terminals. IP 67 Rated.
Cable OD
0936 DFC 102: 4.0mm - 8.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com