Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1836 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1836
Description  Multichannel 96 kHz Codec
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1836 Datasheet(HTML) 2 Page - Analog Devices

  AD1836 Datasheet HTML 1Page - Analog Devices AD1836 Datasheet HTML 2Page - Analog Devices AD1836 Datasheet HTML 3Page - Analog Devices AD1836 Datasheet HTML 4Page - Analog Devices AD1836 Datasheet HTML 5Page - Analog Devices AD1836 Datasheet HTML 6Page - Analog Devices AD1836 Datasheet HTML 7Page - Analog Devices AD1836 Datasheet HTML 8Page - Analog Devices AD1836 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrC
–2–
AD1836–SPECIFICATIONS
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25
°C
Master Clock
12.288 MHz, (48 kHz fS, 256
× fS Mode)
Input Signal
1.000 kHz, 0 dBFS (Full Scale)
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width
20 Bits
Load Capacitance
100 pF
Load Impedance
47 k
Ω
Input Voltage HI
2.4 V
Input Voltage LO
0.8 V
NOTE
Performance of all channels are identical (exclusive of the Interchannel Gain Mismatch and Interchannel Phase Deviation specifications).
ANALOG PERFORMANCE
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC Resolution (all ADCs)
24
Bits
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
102
dB
With A-Weighted Filter
105
dB
Total Harmonic Distortion + Noise
–92
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.01
dB
Programmable Input Gain
12
dB
Gain Step Size
3
dB
Offset Error
LSB
Full-Scale Input Voltage At Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Gain Drift
100
ppm/
°C
Input Resistance
10
k
Ω
Input Capacitance
15
pF
Common-Mode Input Volts
2.25
V
DIGITAL-TO-ANALOG CONVERTERS
Dynamic Range (20 Hz to 20 kHz, –60 dB Input)
No Filter
105
dB
With A-Weighted Filter
108
dB
Total Harmonic Distortion + Noise
–95
dB
Interchannel Isolation
100
dB
Interchannel Gain Mismatch
0.01(0.12)
dB (%)
DC Accuracy
%
Gain Error
±3.0
%
Interchannel Gain Mismatch
0.01
dB
Gain Drift
150
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
–120
dB
Interchannel Phase Deviation
±0.1
Degrees
Volume Control Step Size (1023 Linear Steps)
0.098
%
Volume Control Range (Max Attenuation)
60
dB
Mute Attenuation
–100
dB
De-Emphasis Gain Error
±0.1
dB
Full-Scale Output Voltage At Each Pin (Single-Ended)
1.0 (2.8)
V rms (V p-p)
Output Resistance At Each Pin
115
Ω
Common-Mode Output
2.25
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com