Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8029AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8029AR
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AR Datasheet(HTML) 2 Page - Analog Devices

  AD8029AR Datasheet HTML 1Page - Analog Devices AD8029AR Datasheet HTML 2Page - Analog Devices AD8029AR Datasheet HTML 3Page - Analog Devices AD8029AR Datasheet HTML 4Page - Analog Devices AD8029AR Datasheet HTML 5Page - Analog Devices AD8029AR Datasheet HTML 6Page - Analog Devices AD8029AR Datasheet HTML 7Page - Analog Devices AD8029AR Datasheet HTML 8Page - Analog Devices AD8029AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8029/AD8030/AD8040
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Specifications..................................................................................... 3
Specifications with ±5 V Supply ................................................. 3
Specifications with +5 V Supply ................................................. 4
Specifications with +3 V Supply ................................................. 5
Absolute Maximum Ratings............................................................ 6
Maximum Power Dissipation ..................................................... 6
Typical Performance Characteristics ............................................. 7
Theory of Operation ...................................................................... 15
Input Stage................................................................................... 15
Output Stage................................................................................ 15
Applications..................................................................................... 16
Wideband Operation ................................................................. 16
Output Loading sensitivity........................................................ 16
Disable Pin .................................................................................. 17
Circuit Considerations .............................................................. 18
Design Tools and Technical Support ....................................... 18
Outline Dimensions ....................................................................... 19
Ordering Guide............................................................................... 20
ESD Caution................................................................................ 20
REVISION HISTORY
Revision A
11/03—Data Sheet Changed from Rev. 0 to Rev. A
Change
Page
Added AD8040 part .......................................................Universal
Change to Figure 5 ....................................................................... 1
Changes to Specifications ............................................................ 3
Changes to Figures 10–12............................................................ 7
Change to Figure 14 ..................................................................... 8
Changes to Figures 20 and 21 ..................................................... 9
Inserted new Figure 36............................................................... 11
Change to Figure 40 ................................................................... 12
Inserted new Figure 41............................................................... 12
Added Output Loading Sensitivity section ............................. 16
Changes to Table 5...................................................................... 17
Changes to Power Supply Bypassing section .......................... 18
Changes to Ordering Guide ...................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com