Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM24LC08SA Datasheet(PDF) 3 Page - Anachip Corp

Part # AM24LC08SA
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08SA Datasheet(HTML) 3 Page - Anachip Corp

  AM24LC08SA Datasheet HTML 1Page - Anachip Corp AM24LC08SA Datasheet HTML 2Page - Anachip Corp AM24LC08SA Datasheet HTML 3Page - Anachip Corp AM24LC08SA Datasheet HTML 4Page - Anachip Corp AM24LC08SA Datasheet HTML 5Page - Anachip Corp AM24LC08SA Datasheet HTML 6Page - Anachip Corp AM24LC08SA Datasheet HTML 7Page - Anachip Corp AM24LC08SA Datasheet HTML 8Page - Anachip Corp AM24LC08SA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
3/10
ATC
Electrical Characteristics
DC Electrical Characteristics (Vcc =2.7~5.5V, Ta = 25oC )
AM24LC08
Parameter
Symbol
Conditions
Min
Max
Units
Operating Current (Program) **
ICC1
SCL = 100KHZ CMOS Input Levels
—
3
mA
Operating Current (Read) **
ICC2
SCL = 100KHZ CMOS Input Levels
—
200
µA
Standby Current
ISB1
SCL=SDA=0V, Vcc=5V
—
10
µA
Standby Current
ISB2
SCL=SDA=0V, Vcc=3V
—
1
µA
Input Leakage
IIL
VIN = 0 V to VCC
-1
+1
µA
Output Leakage
IOL
VOUT = 0 V to Vcc
-1
+1
µA
Input Low Voltage**
VIL
-0.1
Vcc x 0.3
V
Input High Voltage**
VIH
Vcc x 0.7 VCC+ 0.2
V
Output Low Voltage
VOL1
IOL = 2.1mA TTL
—
0.4
V
Output Low Voltage
VOL2
IOL = 10uA CMOS
—
0.2
V
VCC Lockout Voltage
VLK
Programming Command Can Be
Executed
Default
—
V
Note ** : ICC1, ICC2, VIL min and VIH max are for reference only and are not tested.
Switching Characteristics (Under Operating Conditions)
AC Electrical Characteristics (Vcc =2.7~5.5V)
AM24LC08
Parameter
Symbol
Min
Max
Units
Clock frequency
Fscl
0
100
kHz
Clock high time
Thigh
4000
—
ns
Clock low time
Tlow
4700
—
ns
SDA and SCL rise time**
Tr
—
1000
ns
SDA and SCL fall time**
Tf
—
300
ns
START condition hold time
Thd:Sta
4000
—
ns
START condition setup time
Tsu:Sta
4700
—
ns
Data input hold time
Thd:Dat
0
—
ns
Data input setup time
Tsu:Dat
250
—
ns
STOP condition setup time
Tsu:Sto
4000
—
ns
Output valid from clock
Taa
300
3500
ns
Bus free time **
Tbuf
4700
—
ns
Data out hold time
Tdh
300
—
ns
Write cycle time
Twr
—
10
ms
5V, 25ºC, Byte Mode
Endurance**
1M
—
write cycles
Note **: This parameter is characterized and is not 100% tested.
Pin Capacitance ** ( Ta= 25
°C, f=250KHz )
Symbol
Parameter
Max
Units
COUT
Output capacitance
5
pF
CIN
Input capacitance
5
pF
Note ** : This parameter is characterized and is not 100% tested.
AC. Conditions of Test
Input Pulse Levels
Vcc x 0.1 to Vcc x 0.9
Input Rise and Fall times
10 ns
Input and Output Timming level
Vcc x 0.5
Output Load
1 TTL Gate and CL = 100pf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com