Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM24LC08INA Datasheet(PDF) 2 Page - Anachip Corp

Part # AM24LC08INA
Description  2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AM24LC08INA Datasheet(HTML) 2 Page - Anachip Corp

  AM24LC08INA Datasheet HTML 1Page - Anachip Corp AM24LC08INA Datasheet HTML 2Page - Anachip Corp AM24LC08INA Datasheet HTML 3Page - Anachip Corp AM24LC08INA Datasheet HTML 4Page - Anachip Corp AM24LC08INA Datasheet HTML 5Page - Anachip Corp AM24LC08INA Datasheet HTML 6Page - Anachip Corp AM24LC08INA Datasheet HTML 7Page - Anachip Corp AM24LC08INA Datasheet HTML 8Page - Anachip Corp AM24LC08INA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM24LC08
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
2/10
ATC
Block Diagrams
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE
ADDRESS
REGISTER
&
COMPARATOR
WORD
ADDRESS
COUNTER
H.V.
GENERATION
TIMING
&
CONTROL
XDEC
EEPROM
ARRAY
64x16x8
YDEC
DATA
REGISTER
DOUT
ACK
WP
SDA
SCL
A2
VCC
VSS
Din
R/W ~ , device
address bit A0
Dout
inc
load
ck
start cycle
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5 V
V
Note: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM24LC08
0 to + 70
°C
AM24LC08I
-40 to + 85
°C
AM24LC08V
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com