Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB642 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT45DB642
Description  64-megabit 2.7-volt Only Dual-interface DataFlash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB642 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT45DB642 Datasheet HTML 1Page - ATMEL Corporation AT45DB642 Datasheet HTML 2Page - ATMEL Corporation AT45DB642 Datasheet HTML 3Page - ATMEL Corporation AT45DB642 Datasheet HTML 4Page - ATMEL Corporation AT45DB642 Datasheet HTML 5Page - ATMEL Corporation AT45DB642 Datasheet HTML 6Page - ATMEL Corporation AT45DB642 Datasheet HTML 7Page - ATMEL Corporation AT45DB642 Datasheet HTML 8Page - ATMEL Corporation AT45DB642 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
AT45DB642
1638F–DFLSH–09/02
However, the use of either interface is purely optional. Its 69,206,016 bits of memory are orga-
nized as 8192 pages of 1056 bytes each. In addition to the main memory, the AT45DB642
also contains two SRAM data buffers of 1056 bytes each. The buffers allow receiving of data
while a page in the main memory is being reprogrammed, as well as reading or writing a con-
tinuous data stream. EEPROM emulation (bit or byte alterability) is easily handled with a self-
contained three step Read-Modify-Write operation. Unlike conventional Flash memories that
are accessed randomly with multiple address lines and a parallel interface, the DataFlash
®
uses either a serial interface or a parallel interface to sequentially access its data. The simple
sequential access facilitates hardware layout, increases system reliability, minimizes switching
noise, and reduces package size and active pin count. DataFlash supports SPI mode 0 and
mode 3. The device is optimized for use in many commercial and industrial applications where
high-density, low-pin count, low-voltage, and low-power are essential. The device operates at
clock frequencies up to 20 MHz with a typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the AT45DB642 does not require high input
voltages for programming. The device operates from a single power supply, 2.7V to 3.6V, for
both the program and read operations. The AT45DB642 is enabled through the chip select pin
(CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output
(SO), and the Serial Clock (SCK), or a parallel interface consisting of the parallel input/output
pins (I/O7 - I/O0) and the clock pin (CLK). The SCK and CLK pins are shared and provide the
same clocking input to the DataFlash.
All programming cycles are self-timed, and no separate erase cycle is required before
programming.
When the device is shipped from Atmel, the most significant page of the memory array may
not be erased. In other words, the contents of the last page may not be filled with FFH.
Block Diagram
Memory Array
To provide optimal flexibility, the memory array of the AT45DB642 is divided into three levels
of granularity comprising of sectors, blocks and pages. The “Memory Architecture Diagram”
illustrates the breakdown of each level and details the number of pages per sector and block.
All program operations to the DataFlash occur on a page-by-page basis; however, the optional
erase operations can be performed at the block or page level.
FLASH MEMORY ARRAY
PAGE (1056 BYTES)
BUFFER 2 (1056 BYTES)
BUFFER 1 (1056 BYTES)
I/O INTERFACE
SCK/CLK
CS
RESET
VCC
GND
RDY/BUSY
SER/PAR
WP
SO
SI
I/O7 - I/O0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com