Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20003CATPB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20003CATPB
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20003CATPB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20003CATPB Datasheet HTML 1Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 2Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 3Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 4Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 5Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 6Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 7Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 8Page - Maxim Integrated Products MAX20003CATPB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SUP, SUPSW, LX, EN to PGND ...........................-0.3V to +42V
SUP to SUPSW....................................................-0.3V to +0.3V
BIAS to AGND.........................................................-0.3V to +6V
SPS, FOSC, COMP to AGND................-0.3V to (VBIAS + 0.3V)
FSYNC, PGOOD, FB to AGND..............-0.3V to (VBIAS + 0.3V)
OUT to PGND .......................................................-0.3V to +12V
BST to LX................................................................-0.3V to +6V
AGND to PGND....................................................-0.3V to +0.3V
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin TQFN (derate 33.3mW/°C above +70°C) ..2666.7mW
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA) ..........30°C/W
Junction-to-Case Thermal Resistance (θJC).................2°C/W
(Note 1)
Electrical Characteristics
VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2µH, CIN = 4.7µF, COUT = 44µF, CBIAS = 2.2µF, CBST = 0.1µF, RFOSC = 12kΩ, TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VSUP,
VSUPSW
3.5
36
V
Load-Dump Event Supply
Voltage
VSUP_LD tLD < 1s
42
V
Supply Current
ISUP_
STANDBY
Standby mode, no load, VOUT = 3.3V,
VFSYNC = 0V
15
30
µA
Supply Current (5V)
ISUP_
STANDBY
Standby mode, no load, VOUT = 5V,
VFSYNC = 0V
20
35
µA
Shutdown Supply Current
ISHDN
VEN = 0V
5
10
µA
BIAS Regulator Voltage
VBIAS
VSUP = VSUPSW = 6V to 42V. IBIAS = 0
to 10mA
4.7
5
5.4
V
BIAS Undervoltage Lockout
VUVBIAS VBIAS rising
2.9
3.15
3.4
V
BIAS Undervoltage-Lockout
Hysteresis
400
500
mV
Thermal-Shutdown Threshold
175
°C
Thermal-Shutdown Threshold
Hysteresis
15
°C
www.maximintegrated.com
Maxim Integrated │ 3
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com