Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C21 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24C21
Description  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C21 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT24C21
3
Doc. No. 1032, Rev. O
A.C. CHARACTERISTICS
VCC = 2.5 V to 5.5 V, unless otherwise specified. Industrial temperature range.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Ms
t
i
n
U
e
d
o
M
y
l
n
o
-
t
i
m
s
n
a
r
T
T
A
A
V
K
L
C
V
m
o
r
f
d
il
a
v
t
u
p
t
u
O5
.
0s
µ
T
H
G
I
H
V
h
g
i
h
K
L
C
V6
.
0s
µ
T
W
O
L
V
w
o
l
K
L
C
V3
.
1s
µ
T
Z
H
V
n
o
i
t
i
s
n
a
r
t
e
d
o
M5
.
0s
µ
T
U
P
V
p
u
-
r
e
w
o
p
y
l
n
o
-
t
i
m
s
n
a
r
T0
s
n
s
t
i
m
i
L
e
l
c
y
C
e
t
i
r
W
&
d
a
e
R
F
L
C
S
y
c
n
e
u
q
e
r
F
k
c
o
l
C0
0
4z
H
k
T
I
)
1
(
,
L
C
S
t
a
t
n
a
t
s
n
o
C
e
m
i
T
n
o
i
s
s
e
r
p
p
u
S
e
s
i
o
N
s
t
u
p
n
I
A
D
S
0
0
1s
n
t
A
A
t
u
O
K
C
A
d
n
a
t
u
O
a
t
a
D
A
D
S
o
t
w
o
L
L
C
S1
s
µ
t
F
U
B
)
1
(
w
e
N
a
e
r
o
f
e
B
e
e
r
F
e
b
t
s
u
M
s
u
B
e
h
t
e
m
i
T
t
r
a
t
S
n
a
C
n
o
i
s
s
i
m
s
n
a
r
T
2
.
1s
µ
t
A
T
S
:
D
H
e
m
i
T
d
l
o
H
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
0s
µ
t
W
O
L
d
o
i
r
e
P
w
o
L
k
c
o
l
C2
.
1s
µ
t
H
G
I
H
d
o
i
r
e
P
h
g
i
H
k
c
o
l
C6
.
0s
µ
t
A
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
t
r
a
t
S6
.
0s
µ
t
T
A
D
:
D
H
e
m
i
T
d
l
o
H
n
I
a
t
a
D0
s
n
t
T
A
D
:
U
S
e
m
i
T
p
u
t
e
S
n
I
a
t
a
D0
5s
n
t
R
)
1
(
e
m
i
T
e
s
i
R
L
C
S
d
n
a
A
D
S3
.
0s
µ
t
F
)
1
(
e
m
i
T
ll
a
F
L
C
S
d
n
a
A
D
S0
0
3s
n
t
O
T
S
:
U
S
e
m
i
T
p
u
t
e
S
n
o
i
t
i
d
n
o
C
p
o
t
S6
.
0s
µ
t
H
D
e
m
i
T
d
l
o
H
t
u
O
a
t
a
D0
0
1s
n
g
n
i
m
i
T
p
U
-
r
e
w
o
P
)
2
(
)
1
(
t
R
U
P
n
o
i
t
a
r
e
p
O
d
a
e
R
o
t
p
u
-
r
e
w
o
P1
s
m
t
W
U
P
n
o
i
t
a
r
e
p
O
e
t
i
r
W
o
t
p
u
-
r
e
w
o
P1
s
m
s
t
i
m
i
L
e
l
c
y
C
e
t
i
r
W
t
R
W
e
m
i
T
e
l
c
y
C
e
t
i
r
W5
s
m
The write cycle time is the time from a valid stop condition
of a write sequence to the end of the internal program/
erase cycle. During the write cycle, the bus interface
circuits are disabled, SDA is allowed to remain high, and
the device does not respond to its slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com