Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084DA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1084DA
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1084DA Datasheet(HTML) 3 Page - Anachip Corp

  AP1084DA Datasheet HTML 1Page - Anachip Corp AP1084DA Datasheet HTML 2Page - Anachip Corp AP1084DA Datasheet HTML 3Page - Anachip Corp AP1084DA Datasheet HTML 4Page - Anachip Corp AP1084DA Datasheet HTML 5Page - Anachip Corp AP1084DA Datasheet HTML 6Page - Anachip Corp AP1084DA Datasheet HTML 7Page - Anachip Corp AP1084DA Datasheet HTML 8Page - Anachip Corp AP1084DA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug.27, 2004
3/10
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Vin
DC Supply Voltage
-0.3 to 12
V
PD
Power Dissipation
Internally Limited
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Junction Temperature Range
0 to +150
oC
Electrical Characteristics (Under Operating Conditions)
SYM.
PARAMETER
CONDITIONS (Notes)
MIN
TYP
MAX
UNIT
VREF
Reference Voltage
Io=10mA, Tj=25
oC, (Vin-Vout)=1.5V
1.225
1.250
1.275
V
AP1084-XXX
IO=10mA, VOUT+1.5V<VIN<12V, TJ =25
oC
0.2
%
AP1084-1.5
IOUT = 10mA, TJ = 25
oC, 3V≦VIN≦12V
1.470
1.500
1.530
V
AP1084-1.8
IOUT = 10mA, TJ = 25
oC, 3.3V≦VIN≦12V
1.764
1.800
1.836
V
AP1084-2.5
IOUT = 10mA, TJ = 25
oC, 4V≦VIN≦12V
2.450
2.500
2.550
V
AP1084-3.3
IOUT = 10mA, TJ = 25
oC, 4.8V≦VIN≦12V
3.235
3.300
3.365
V
Line
Regulation
AP1084-5.0
IOUT = 10mA, TJ = 25
oC, 6.5V≦VIN≦12V
4.900
5.000
5.100
V
AP1084-Adj
VIN=3.3V, 0mA<Io<5A, TJ =25
oC
(Note 1,2)
1
%
AP1084-1.5
VIN=3V, 0mA<Io<5A, TJ =25
oC
(Note 1,2)
12
15
mV
AP1084-1.8
VIN=3.3V, 0mA<Io<5A
TJ =25
oC (Note 1,2)
15
18
mV
AP1084-2.5
VIN=4V, 0mA<Io<5A
TJ =25
oC (Note 1,2)
20
25
mV
AP1084-3.3
VIN = 5V, 0mA<Io<5A , TJ=25
oC (Note 1,2)
26
33
mV
Load
Regulation
AP1084-5.0
VIN = 8V, 0mA<Io<5A, TJ=25
oC (Note 1,2)
40
50
mV
∆Vo
Dropout Voltage
Io=5.0A (
∆Vout = 1% Vout)
1.3
1.4
V
Current Limit
Vin-Vout=5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature Stability Io=10mA
0.5
%
θ JA
Thermal Resistance
Junction-to-Ambient
(No heat sink ;No air
flow)
TO-252
TO-263
TO-220
98
91
83
OC/W
θ JC
Thermal Resistance
Junction-to-Case
TO-252: Control Circuitry/Power Transistor
TO-263: Control Circuitry/Power Transistor
TO-220: Control Circuitry/Power Transistor
15
10
0.65/2.7
OC/W
Note 1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured
at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the
package.
Note 2:Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the
difference between input and output and the output current. Guaranteed maximum power dissipation will not be available over
the full input/output range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com