Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1943B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1943B
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1943B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1943B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
2SA1943B
版本:
201601A
2/5
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃ unless otherwise noted)
电特性 ELECTRICAL CHARACTERISTIC
(Tc=25℃ unless otherwise noted)
热特性 THERMAL CHARACTERISTIC
项
目 Parameter
符号
Symbo
最小值
min
最大值
max
单位
Unit
结到管壳的热阻
Thermal Resistance Junction Case TO-3PB
Rth(j-c)
-
0.83
℃
/W
结到管壳的热阻
Thermal Resistance Junction Case TO-3PLT
Rth(j-c)
-
0.625
℃
/W
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极
—基极直流电压
Collector- Base Voltage
VCBO
-350
V
集电极
—发射极直流电压
Collector- Emitter Voltage
VCEO
-250
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
-5
V
最大集电极电流
Collector Current
IC
-16
A
最大基极电流
Base Current
IB
-1.6
A
最大集电极耗散功率
TO-3PB Collector Dissipation(Tc=25℃)
PC
150
W
最大集电极耗散功率
TO-3PL Collector Dissipation(Tc=25℃)
PC
200
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-65~150
℃
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
ICBO
VCB=-300V,IE=0
-
-
-10.0
μA
IEBO
VEB=-5.0V,IC=0
-
-
-5.0
μA
V(BR)CEO
Ic=-50mA,IB=0
-250
-
-
V
VCE=-5.0V,IC=-0.5A
75
-
135
-
VCE=-5.0V,IC=-1.0A
75
-
135
-
hFE
VCE=-5.0V,IC=-3.0A
75
-
135
-
VCE(sat)
IC=-5.0A,IB=-0.5A
-
-
-1.0
V
VBE(ON)
VCE=-5.0V,IC=-5.0A
-
-
-1.2
V
fT
VCE=-5.0V, Ic=-1.0A
10
-
-
MHz
COb
VCE=-10V, IE =0,f=1MHz
-
-
400
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com