Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4793 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC4793
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC4793 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC4793 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC4793 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC4793 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC4793 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
2SC4793
201311A
3
/4
PACKAGE MECHANICAL DATA
TO-220MF
Unit
mm
mm
A
4.50-4.90
B
<1.47
b
0.70-0.90
c
0.45-0.60
D
15.67-16.07
E
9.96-10.36
e
2.54TYPE
F
2.34-2.74
L
12.58-13.38
L2
3.13-3.33
P
3.08-3.28
Q
3.2-3.4
Q1
2.56-2.96
SAFE OPERATION AREA
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
COLLECTOR-EMITTER VOLTAGE
VCE
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com