Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CT4A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CT4A
Description  Half AC switching
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CT4A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CT4A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT4A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201510D
订 货 型 号
Order codes
印
Marking
3CT4A -O-Z-N-C
3CT4A-O-M-N-C
主要参数
MAIN CHARACTERISTICS
IT(AV)
2.5 A
VDRM/VRRM
500 V
IGT
10-140
用途
半交流开关
相位控制
APPLICATIONS
 Half AC switching
 Phase control
产品特性
玻璃钝化芯片,高可靠性和一致性
低通态电流和高浪涌电流能力
环保 RoHS 产品
FEATURES
 Glass-passivated mesa chip for reliability and uniform
 Low on-state voltage and High I
 RoHS products
订货信息 ORDER MESSAGE
门极
Sensitive
3CT4A
印
记
Marking
无卤素
Halogen Free
封
装
Package
3CT4A
否 NO
TO-220
3CT4A
否 NO
TO-126
MAIN CHARACTERISTICS
140 μA
封装 Package
序号
Pin
1
阴极
2
阳极
3
门极
高可靠性和一致性
低通态电流和高浪涌电流能力
passivated mesa chip for reliability and uniform
voltage and High ITSM
TO-126
ORDER MESSAGE
TO-220
1/5
门极灵敏触发型晶闸管
ensitive Gate SCRs
包
装
Packaging
袋装 Bag
袋装 Bag
Package
引线名称
Description
阴极
K
阳极
A
门极
G
126
220


Similar Part No. - 3CT4A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT4S-O-HF-N-B JSMC-3CT4S-O-HF-N-B Datasheet
412Kb / 8P
AC switching
3CT4S-O-M-N-C JSMC-3CT4S-O-M-N-C Datasheet
412Kb / 8P
AC switching
3CT4S-O-Z-N-C JSMC-3CT4S-O-Z-N-C Datasheet
412Kb / 8P
AC switching
More results

Similar Description - 3CT4A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT2A JSMC-3CT2A Datasheet
310Kb / 5P
Half AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT06B JSMC-3CT06B Datasheet
351Kb / 6P
Half AC switching
3CT08B JSMC-3CT08B Datasheet
307Kb / 5P
Half AC switching
3CT8B JSMC-3CT8B Datasheet
429Kb / 7P
Half AC switching
3CT12A JSMC-3CT12A Datasheet
319Kb / 6P
Half AC switching
3CT12B JSMC-3CT12B Datasheet
313Kb / 5P
Half AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT151 JSMC-BT151 Datasheet
405Kb / 7P
Half AC switching
BT169D JSMC-BT169D Datasheet
290Kb / 5P
Half AC switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com