Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CT06B Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CT06B
Description  Half AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CT06B Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CT06B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT06B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT06B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT06B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT06B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT06B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
R
3CT06B
版本:201510F
5/6
外形尺寸 PACKAGE MECHANICAL DATA
TO-92-F1
单位 Unit :mm
外形尺寸 PACKAGE MECHANICAL DATA
SOT-223
单位 Unit :mm
A
3.30-3.90
b
0.35-0.55
c
0.31-0.51
D
4.30-4.90
E
4.30-4.90
e
1.17-1.37
L
5.00-6.00
L1
2.70-3.30
Q1
0.74-0.89
A
1.50-1.70
A1
0.02-0.10
b
0.60-0.80
c
0.24-0.31
D
3.30-3.70
E
6.30-6.50
E1
2.90-3.10
e
2.30 type
H
6.75-7.05
L
0.80-1.20
θ
0°-10°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com