Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIR1703E/2K Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DIR1703E/2K
Description  DIGITAL AUDIO INTERFACE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DIR1703E/2K Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DIR1703E/2K Datasheet HTML 5Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 6Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 7Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 8Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 9Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 10Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 11Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 12Page - Burr-Brown (TI) DIR1703E/2K Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DIR1703
SLES007– JULY 2001
9
www.ti.com
system clock output (continued)
Table 5. System Clock Operation Mode
CONDITIONS
CLOCK AND DATA OUTPUTS
MODE
CKSEL
S/PDIF
DATA
SCKO
BCKO
LRCKO
DOUT
BRATE
UNLOCK
CS. UR
BIT
AD.
EMFLG
After
RESET
Default PLL†
(128, 256, 384, 512
fS)
Default
PLL†
(64 fS)
Default
PLL†
(1 fS)
MUTE
LOW
HIGH
LOW
LOW
PLL
LOW
YES
PLL
(128, 256, 384, 512
fS)
PLL
(64 fS)
PLL
(1 fS)
DATA
DETECT
LOW
DATA
DATA
NO
HOLD‡
(128, 256, 384, 512
fS)
HOLD‡
(64 fS)
HOLD‡
(1 fS)
MUTE
HOLD‡
HIGH
Unknown
HOLD‡
After
RESET
Crystal
(128, 256, 384, 512
fS)
Crystal
(64 fS)
Crystal
(1 fS)
MUTE
LOW
HIGH
LOW
LOW
CRYSTAL
HIGH
YES
Crystal
(128, 256, 384, 512
fS)
Crystal
(64 fS)
Crystal
(1 fS)
MUTE
DETECT
LOW
Unknown
LOW
NO
Crystal
(128, 256, 384, 512
fS)
Crystal
(64 fS)
Crystal
(1 fS)
MUTE
Unknown
HIGH
Unknown
LOW
† In the PLL mode, the DIR1703 will be the same frequencies as the crystal mode after RESET; however, the frequency error is below 1%.
‡ Holds the latest tracked frequency.
SCKO timing
L
H
0.8 V
2 V
System Clock Pulse
Cycle Time†
tSCKH
tSCKL
SCKO
SCKO Clock Pulse Width High
tSCKH
7 ns (min)
SCKO Clock Pulse Width Low
tSCKL
7 ns (min)
† 1/128 fS, 1/256 fS, 1/384 fS or 1/512 fS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com