Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CT8B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CT8B
Description  Half AC switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CT8B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CT8B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R
3CT8B
版本:201601C
2/7
绝对最大额定值
ABSOLUTE RATINGS (Tc=25
)
℃
电特性 ELECTRICAL CHARACTERISTIC (TC=25℃ unless otherwise stated)
动态特性 DYNAMIC CHARACTERISTICS (TC=25℃ unless otherwise stated)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
断态重复峰值电压 Repetitive peak off-state voltage
VDRM
600
V
反向重复峰值电压 Repetitive peak reverse voltage
VRRM
600
V
通态平均电流 Average on-state current
IT(AV)
5.0
A
通态方均根电流 On-state RMS current ( half sine wave)
IT(RMS)
8.0
A
非重复浪涌峰值通态电流 Non- repetitive surge peak on-state current
( half sine wave ,t=10ms)
ITSM
75
A
I
2t for fusing ( t=10ms)
I
2t
28
A
2s
门极峰值电流 Peak gate current
IGM
2
A
门极峰值电压 Peak gate voltage
VGM
5
V
反向门极峰值电压 Peak reverses gate voltage
VRGM
5
V
平均门极功率 Average gate power( over any 20ms period)
PG(AV)
0.5
W
存储温度 Storage temperature
Tstg
-40~150
℃
操作结温 Operation junction temperature
TJ
125
℃
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
min
典型
typ
最大
max
单位
Unit
断 态 峰 值 重 复 电 流 Peak Repetitive
Blocking Current
IDRM
VDM=VDRM, Tj=125℃,
RGK=1KΩ
-
0.2
0.5
mA
反 向 峰 值 重 复 电 流 Peak Repetitive
Reverse Current
IRRM
VRM=VRRM, Tj=125℃,
RGK=1KΩ
-
0.2
0.5
mA
峰值通态电压 Peak on-state voltage
VTM
ITM=16A
-
1.4
1.6
V
门极触发电流 Gate trigger current
IGT
VDM=12V,IT=0.1A
10
40
140
μA
门极触发电压 Gate trigger voltage
VGT
VDM=12V,IT=0.1A
-
0.6
1.5
V
维持电流 Holding current
IH
VDM=12V, IGT=0.1A
-
-
5
mA
擎住电流 Latching current
IL
VDM=12V, IGT=0.1A
-
-
10
mA
项
目
Parameter
符号
Symbol
测试条件
Tests conditions
最小
min
典型
typ
最大
max
单位
Unit
断态临界电压上升率 Critical
rate of rise of off- state voltage
dV/dt
VDM=67% VDRM(MAX),
Tj=125℃,RGK=1KΩ
50
-
-
V/μs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com