Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3CT8S Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CT8S
Description  AC switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CT8S Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CT8S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CT8S Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R
版本:
201510I
1/7
双向晶闸管
TRIACS
3CT8S
主要参数
MAIN CHARACTERISTICS
IT(RMS)
8A
VDRM
600V or 800V
IGT
35mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
平面钝化芯片高
可靠性、一致性
Planar chip for reliability
and uniform
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
主电极
2
MT2
3
门极
G
三象限可控硅,
触发电流的一
致性好
Uniform gate trigger
currents in three
quadrants
环保 RoHS 产品
RoHS products
通过
UL 认证:
E258645
UL:E258645
订货信息
ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
3CT8S-O-Z-N-C
3CT8S
TO-220
袋装
Bag
3CT8S-O-J-N-B
3CT8S
TO-220S
条管
Tube
3CT8S-O-HF-N-B
3CT8S
TO-220HF
条管
Tube
概述
GENERAL DESCRIPTION
3CT8S是平面芯片结构的三象限双向晶闸管,产品在第四象限不可触发,具有较高的使用
可靠性。可适用于容易出现较高
dV/dt或dI/dt的交流全波控制线路中,特别推荐应用与电感性负
载控制(如电机控制线路)。器件封装形式有
TO-220、TO-220S(引线与散热片绝缘)、TO-220HF
(塑料全包封)。
3CT8S are Planar three quadrant triacs, designed for high performance full-wave ac
control applications where high static and dynamic dV/dt and high dI/dt can occur. They are
specially recommended for use on inductive loads such as motor control circuits. Available
packages are TO-220、TO-220S (internally isolated) and TO-220HF (plastic envelope)
TO-220/TO-220S
TO-220HF


Similar Part No. - 3CT8S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT8B JSMC-3CT8B Datasheet
429Kb / 7P
Half AC switching
3CT8B-O-C-N-B JSMC-3CT8B-O-C-N-B Datasheet
429Kb / 7P
Half AC switching
3CT8B-O-HF-N-B JSMC-3CT8B-O-HF-N-B Datasheet
429Kb / 7P
Half AC switching
3CT8B-O-MF-N-B JSMC-3CT8B-O-MF-N-B Datasheet
429Kb / 7P
Half AC switching
3CT8B-O-R-B-A JSMC-3CT8B-O-R-B-A Datasheet
429Kb / 7P
Half AC switching
More results

Similar Description - 3CT8S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com