Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS140 Datasheet(PDF) 3 Page - Coto Technology

Part # CS140
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CS140 Datasheet(HTML) 3 Page - Coto Technology

  CS140 Datasheet HTML 1Page - Coto Technology CS140 Datasheet HTML 2Page - Coto Technology CS140 Datasheet HTML 3Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
tel: (401) 943.2686
|
cotorelay.com
COTO TECHNOLOGY, INC.
40 SERIES GRAPHS
0
1
2
3
4
5
1
2
3
4
5
-40-20
0204060
100
85
-40-20
0204060
0
0.1
0.2
0.3
0.4
0.5
-40-20
0204060
100
85
0
50
100
150
200
250
-40-20
0204060
100
85
0
100
85
On resistance Vs.
Ambient temperature
Turn on time Vs.
Ambient temperature
Ambient temperature (ºC)
Ambient temperature (ºC)
Ambient temperature (ºC)
Ambient temperature (ºC)
Ambient temperature (ºC)
Turn off time Vs.
Ambient temperature
LED operate current Vs.
Ambient temperature
LED Turn off current Vs.
Ambient temperature
LED forward voltage Vs.
Ambient temperature
Ambient temperature (ºC)
-40-20
020406085 100
0
20
40
50
60
Ambient temperature (ºC)
Load current Vs.
Ambient temperature
30
10
0
0.5
1.0
1.5
2.5
2.0
3.0
-40-20
0204060
100
85
0
1.5
-40-20
0204060
100
85
1.1
1.0
1.2
1.3
1.4
0
5
10
15
20
25
-5
1
-10
-15
-20
-25
2345
-5
-4
-3
-2
-1
Voltage,V
Voltage Vs. current characteristics
of output at MOS portion
Off state leakage current
0
200
400
600
800
1000
10
-12
10
-9
10
-6
10
-3
1200 1400 1600
Load voltage (V)
01020304060
0
0.2
50
0.4
0.6
0.8
1.0
1.2
LED foward current Vs.
turn on time characteristics
LED foward current (mA)
0
0.02
01020304050
0.04
0.06
0.08
0.10
0.12
60
LED foward current Vs.
turn off time characteristics
LED foward current (mA)
01020304050
0
100
200
50
150
Applied voltage Vs.
output capacitance characteristics
Applied voltage (V)
11032015



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com