Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DD5023P Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD5023P
Description  Horizontal deflection output for color TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD5023P Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD5023P Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5023P Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5023P Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5023P Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5023P Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
低频放大管壳额定的双极型晶体管
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
R
3DD5023P
主要参数 MAIN CHARACTERISTICS
封装 Package
TO-220HF
BVCBO
1500 V
IC
6 A
VCE(sat)
5 V(max)
tf
1 μs(max)
用途
● 彩色电视机行输出电路
APPLICATIONS
● Horizontal deflection
output for color TV.
产品特性
●3DD5023P 是NPN 双极
型高反压大功率晶体管,
制 造中采用的主要工艺
技 术有:高压平面工艺技
术、三重扩散技术等
,采
用塑料全包封结构。环保
(
RoHS)产品。
FEATURES
● 3DD5023P is high breakdown
voltage of NPN bipolar transistor.
The main process of manufacture:
high voltage planar process, triple
diffused process etc., adoption of
fully plastic packge. RoHS product.
1 2 3
等效电路 EQUIVALENT CIRCUIT
RBE=50
Ω(Typ.)
订货信息 ORDER MESSAGE
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3DD5023P-O-HF-N-B D5023P
否
NO
TO-220HF
条管
Tube
版本:
201108A
1/6


Similar Part No. - 3DD5023P

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD5023 JSMC-3DD5023 Datasheet
148Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
logo
Foshan Blue Rocket Elec...
3DD5023 FOSHAN-3DD5023 Datasheet
839Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
JILIN SINO-MICROELECTRO...
3DD5023-O-HF-N-B JSMC-3DD5023-O-HF-N-B Datasheet
148Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5023 FOR LOW FREQUENCY
More results

Similar Description - 3DD5023P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1880 SANYO-2SD1880 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1881 SANYO-2SD1881 Datasheet
85Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD1882 SANYO-2SD1882 Datasheet
84Kb / 3P
Color TV Horizontal Deflection Output Applications?
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
2SC6090LS SANYO-2SC6090LS Datasheet
55Kb / 4P
Color TV Horizontal Deflection Output Applications
logo
JILIN SINO-MICROELECTRO...
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
Horizontal deflection output for color TV
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
Horizontal deflection output for color TV.
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
Horizontal deflection output for color TV.
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
Horizontal deflection output for color TV.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com