Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1920 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1920
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1920 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1920 Datasheet HTML 1Page - Dallas Semiconductor DS1920 Datasheet HTML 2Page - Dallas Semiconductor DS1920 Datasheet HTML 3Page - Dallas Semiconductor DS1920 Datasheet HTML 4Page - Dallas Semiconductor DS1920 Datasheet HTML 5Page - Dallas Semiconductor DS1920 Datasheet HTML 6Page - Dallas Semiconductor DS1920 Datasheet HTML 7Page - Dallas Semiconductor DS1920 Datasheet HTML 8Page - Dallas Semiconductor DS1920 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
DS1920
2 of 22
ORDERING INFORMATION
DS1920-F3
F3 MicroCan
DS1920-F5
F5 MicroCan
EXAMPLES OF ACCESSORIES
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093F
Snap-In Fob
DS9092
iButton Probe
iButton DESCRIPTION
The DS1920 Temperature iButton provides 9-bit temperature readings which indicate the temperature of
the device. Information is sent to/from the DS1920 over a 1-Wire interface. Power for reading, writing,
and performing temperature conversions is derived from the data line itself. Because each DS1920
contains a unique silicon serial number, multiple DS1920s can exist on the same 1-Wire bus. This allows
for placing temperature sensors in many different places. Applications where this feature is useful include
HVAC environmental controls, sensing temperatures inside buildings, equipment or machinery, and in
process monitoring and control.
OVERVIEW
The block diagram of Figure 1 shows the major components of the DS1920. The DS1920 has three main
data components: 1) 64-bit lasered ROM, 2) temperature sensor, and 3) nonvolatile temperature alarm
triggers TH and TL. The device derives its power from the 1-Wire communication line by storing energy
on an internal capacitor during periods of time when the signal line is high and continues to operate off
this power source during the low times of the 1-Wire line until it returns high to replenish the parasite
(capacitor) supply.
Communication to the DS1920 is via a 1-Wire port. With the 1-Wire port, the memory and control
functions will not be available before the ROM function protocol has been established. The master must
first provide one of five ROM function commands: 1) Read ROM, 2) Match ROM, 3) Search ROM, 4)
Skip ROM, or 5) Alarm Search. These commands operate on the 64-bit lasered ROM portion of each
device and can single out a specific device if many are present on the 1-Wire line as well as indicate to
the bus master how many and what types of devices are present. After a ROM function sequence has been
successfully executed, the memory and control functions are accessible and the master may then provide
any one of the five memory and control function commands.
One control function command instructs the DS1920 to perform a temperature measurement. The result
of this measurement will be placed in the DS1920’s scratchpad memory, and may be read by issuing a
memory function command which reads the contents of the scratchpad memory. The temperature alarm
triggers TH and TL consist of 1 byte of EEPROM each. If the alarm search command is not applied to the
DS1920, these registers may be used as general purpose user memory. Writing TH and TL is done using a
memory function command. Read access to these registers is through the scratchpad. All data is read and
written least significant bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com