Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS330 Datasheet(PDF) 2 Page - Coto Technology

Part # CS330
Description  MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CS330 Datasheet(HTML) 2 Page - Coto Technology

  CS330 Datasheet HTML 1Page - Coto Technology CS330 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COTO TECHNOLOGY, INC.
For most recent data visit www.cotorelay.com
CT330/CS330 MAXIMUM RATINGS (Ambient Temperature: 25ºC)
Parameters
Symbol
Units
Value
INPUT SPECIFICATIONS
Continuous LED Current
IF
mA
50
Peak LED Current
IFP
mA
500
LED Reverse Voltage
VR
V
5
Input Power Dissipation
Pin
mW
75
OUTPUT SPECIFICATIONS
Load Voltage
VL
V (AC peak or DC)
400
Load Current
IL
mA
100
Peak Load Current
IPeak
A
0.6
Output Power Dissipation
POut
mW
600
RELAY SPECIFICATIONS
Total Power Dissipation
PT
mW
650
I/O Breakdown Voltage
VI/O
Vrms
1500
Operating Temperature
TOpr
ºC
-40 ~ +85
Storage Temperature
TStg
ºC
-40 ~ +100
CT330/CS330 ELECTRICAL SPECIFICATIONS (Ambient Temperature: 25ºC)
Parameters
Symbol
Test Conditions
Units
Min
Typ
Max
INPUT
LED Forward Voltage
VF
IF=10mA
V
1.0
1.5
Operation LED Current
IF On
mA
0.9
3.0
Recovery LED Voltage
VF Off
V
0.5
OUTPUT
On-Resistance Drain to Drain
ROn
IF=5mA, IL=Rating
Time to flow is within 1 sec.
Ω
24
30
Off-State Leakage Current
ILeak
VL=400V
μA
1.0
Output Capacitance
COut
VL=0V, f=1MHz
pF
115
TRANSMISSION
Turn-On Time
TOn
IF=10mA, IL=Rating
ms
0.2
1.0
Turn-Off Time
TOff
ms
0.05
1.0
COUPLED
I/O Insulation Resistance
RI/O
Ω
109
I/O Capacitance
CI/O
f=1MHz
pF
1.3
Environmental Ratings:
Operating Temp: -40°C to +85° C; Storage Temp: –40 to +100 C.
All electrical parameters measured at 25° C unless otherwise specified.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com