Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1526B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1526B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1526B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1526B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1526B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE1526B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
Description
ACE1526B uses advanced trench technology to provide excellent RDS(ON). This device particularly suits
for low voltage application such as power management of desktop computer or notebook computer power
management, DC/DC converter.
Features
VDS (V) = -30V
ID = -6A (VGS = -
10V) RDS(ON) < 75mΩ (VGS = -10V)
RDS(ON) < 80mΩ (VGS = -4.5V)
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous) *AC
TA=25°C
ID
-6
A
TA=70°C
-4.8
Drain Current (Pulse)
*B
IDM
-30
A
Power Dissipation
TA=25°C
PD
50
W
TA=70°C
25
Operating Temperature/ Storage Temperature
T
J//TSTG
-55~150
℃
Packaging Type
Ordering information
TO-252
ACE1526B XX + H
YM : TO-252
Pb - free
Halogen - free


Similar Part No. - ACE1526B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1522B ACE-ACE1522B Datasheet
550Kb / 6P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE1526B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com