Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4922B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4922B
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4922B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4922B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4922B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4922B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4922B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4922B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4922B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE4922BEM
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
D
1
G
2
S
2
S
1
G
1
D
2
Description
The ACE4922B is the Dual N-Channel enhancement mode power field effect transistors are
produced using high cell density, DMOS trench technology. This high density process is especially
tailored to minimize on-state resistance and provide superior switching performance.
These devices are particularly suited for low voltage applications such as notebook computer
power management and other battery powered circuits where high-side switching, low in-line power
loss, and resistance to transients are needed.
APPLICATIONS
Low On-Resistance
Fast Switching Speed
Low-voltage drive
Easily designed drive circuits
Pb-Free Package is available. The suffix G means Pb-free package
ESD Protected:2000V
Packaging Type
Ordering information
SOT-363
6
5
4
ACE4922BEM+ H
1
2
3
Pb - free
Halogen - free
EM : SOT-363


Similar Part No. - ACE4922B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4922BEM ACE-ACE4922BEM Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
More results

Similar Description - ACE4922B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com