Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7332M Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7332M
Description  N-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7332M Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7332M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7332M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7332M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7332M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7332M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7332M Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE7332M
N-Channel 30-V (D-S) MOSFET
VER 1.1
2
Electrical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Static
Gate-Source Threshold
Voltage
VGS(th)
V
DS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
V
DS = 0 V, VGS = ± 20V
±100
nA
Zero ate Voltage Drain
Current
IDSS
V
DS = 24 V, VGS = 0 V
1
uA
V
DS = 24 V, VGS = 0 V,
T
J = 55°C
25
On-State Drain Current
a
ID(on)
V
DS = 5 V, VGS = 10 V
20
A
Drain-Source
On-Resistance
a
RDS(ON)
V
GS = 10 V, ID = 11 A
13
mΩ
V
GS = 4.5 V, ID =8.8A
18
Forward
Transconductance
a
gFS
V
DS =15 V, ID = 11 A
25
S
Diode Forward Voltage
a
VSD
I
S = 2.6A, VGS = 0 V
0.74
V
Dynamic
b
Total Gate Charge
Qg
V
DS = 15 V, VGS = 4.5 ID =11 A
25
nC
Gate-Source Charge
Qgs
11
Gate-Drain Charge
Qgd
17
Turn-On Delay Time
td(on)
V
DS = 15 V, RL = 1.4 Ω, ID = 11 A,
V
GEN
= 10 V, R
GEN
= 6 Ω
15
ns
Rise Time
tr
13
Turn-Off Delay Time
td(off)
100
Fall Time
tf
54
Input Capacitance
Ciss
V
DS = 15 V, VGS = 0 V, f = 1 MHz
1456
pF
Output Capacitance
Coss
231
Reverse Transfer
Capacitance
Crss
198
Note:
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com