Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR2 Datasheet(PDF) 2 Page - Coto Technology

Part # FR2
Description  Proximity sensing, Smoke alarms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

FR2 Datasheet(HTML) 2 Page - Coto Technology

  FR2 Datasheet HTML 1Page - Coto Technology FR2 Datasheet HTML 2Page - Coto Technology FR2 Datasheet HTML 3Page - Coto Technology FR2 Datasheet HTML 4Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FR2
Specifications
All parameters are at 25
°C unless otherwise stated.
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for extended period may degrade the device and effect
its reliability.
Ratings (@ 25˚ C)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Contact Ratings
Operate ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
10
-
30
NI
Release ampere turns range
Full Blade Tolerance =
± 1.5NI
AT
5
-
30
NI
Switching Voltage
Max DC/PeakAC Resistive
V
L
-
-
200
VDC
Switching Current
Max DC/PeakAC Resistive
I
L
-
-
500
mAmps
Carry Current
Max DC/PeakAC Resistive
I
C
-
-
1.5
Amps
Contact Rating
Max DC/PeakAC Resistive
-
-
-
10
VA
Life Expectancy
1V, 10mA Signal Level
-
-
1000
-
x106 Ops
10V, 10mA Low Level
-
-
500
-
x106 Ops
50V, 100mA Telecom Load
-
-
2
-
x106Ops
100V, 100mA Rated Loads
-
-
2
-
x106 Ops
Static Contact Resistance
50mV, 10mA(1)
CR
-
80
150
m
Ω
Contact Material
-
-
Ru
-
-
Switch Specifications
Insulation Resistance(2)
100V, 25
°C, 40% RH
IR
109
1011
-
Ω
Capacitance
Across Open Contacts
-
-
0.3
-
pF
Dielectric Strength(5)
Between Contacts
-
250
300
-
VDC/Peak AC
Operate Time,
At nominal coil voltage,
T
OP
-
-
0.5
ms
including bounce
10Hz Square Wave
Release Time
Zener-Diode Suppression(3)
T
REL
-
-
0.2
ms
Environmental Ratings
Storage Temperature
T
A
-40
-
+125
°C
Operating Temperature
T
O
-40
-
+125
°C
Soldering Temperature
-
-
-
+240
°C
Vibration Resistance
5Hz - 200Hz
G
-
-
20
Gs
Shock Resistance
11
±1ms, 1/
2 Sine Wave
S
-
-
100
Gs
Weight
-
-
0.13
-
grams/unit
Parameter
Min
Typ Max Units
Switching Voltage
FR2 - DYAD®
200
Volts
Switching Current
FR2 - DYAD®
0.5
Amps
Carry Current
FR2 - DYAD®
1.5
Amps
Switching Frequency
FR2 - DYAD®
500
Hz
Contact Resistance
FR2 - DYAD®
150
m
Ω
(See detailed specifications for more information.)
(1) Contact resistance measured with 4 terminal method, 1.1" between test leads
(2) >1012
Ω is available upon request
(3) A 24V zener in series with a diode across the coil
(4) Use caution not to exceed vibration resistance limits while ultrasonically cleaning. Contact Clare Engineering for more details/recommendations
(5) 15 ampere turn minimum
Dyad®
SRC DEVICES
2
USA 1-866-SRC-8668 Europe 32-89-328850
Far East 886-2-2698-8422
www.srcdevices.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com