Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSH Datasheet(PDF) 2 Page - Coto Technology

Part # LSH
Description  Liquid Level Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

LSH Datasheet(HTML) 2 Page - Coto Technology

  LSH Datasheet HTML 1Page - Coto Technology LSH Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSH
LSH-X-X-X
A complete part number is represented by the digits below
24
28
12
31.5
13
86.5
50
17.5
21.5
Series
Material
1 = PP
2 = ABS
3 = 316 Stainless
4 = PVDF
5 = PPS
Contact Rating
01 = 10W contact
02 = 70W contact
Thread
A = NPT
B = Metric
Liquid Level Sensor
ORDERING INFORMATION
MECHANICAL DIMENSIONS
Dimensions in mm
88
16
25
50
17.5
1/2 NPT
Details provided on this datasheet are subject to change without notice



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com