Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6021SPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMNH6021SPS
Description  High Conversion Efficiency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6021SPS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMNH6021SPS Datasheet HTML 1Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 2Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 3Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 4Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 5Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 6Page - Diodes Incorporated DMNH6021SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMNH6021SPS
Document number: DS37685 Rev. 2 - 2
2 of 7
www.diodes.com
June 2016
© Diodes Incorporated
DMNH6021SPS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 7)
TC = +25°C
TC = +100°C
ID
55
39
A
Maximum Continuous Body Diode Forward Current (Note 7)
IS
55
A
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
88
A
Avalanche Current, L = 0.1mH (Note 8)
IAS
35
A
Avalanche Energy, L = 0.1mH (Note 8)
EAS
64
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.6
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
96
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
3.0
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
50
°C/W
Total Power Dissipation (Note 7)
TC = +25°C
PD
53
W
Thermal Resistance, Junction to Case (Note 7)
RθJC
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
12
23
mΩ
VGS = 10V, ID = 12A
—
18
28
VGS = 4.5V, ID = 12A
Diode Forward Voltage
VSD
—
0.75
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
CISS
—
1,016
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
COSS
—
153
—
Reverse Transfer Capacitance
CRSS
—
76.8
—
Gate Resistance
RG
—
2.5
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
QG
—
9.5
—
nC
VDS = 30V, ID = 20A
Total Gate Charge (VGS = 10V)
QG
—
19.7
—
Gate-Source Charge
QGS
—
3.6
—
Gate-Drain Charge
QGD
—
4.8
—
Turn-On Delay Time
tD(ON)
—
4.2
—
ns
VDD = 30V, VGS = 10V,
ID = 10A, RG = 4.7Ω,
Turn-On Rise Time
tR
—
13
—
Turn-Off Delay Time
tD(OFF)
—
27.5
—
Turn-Off Fall Time
tF
—
15.3
—
Body Diode Reverse Recovery Time
tRR
—
20.8
—
ns
IF = 20A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
13.9
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. Thermal resistance from junction to soldering point (on the exposed drain pad).
8. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com