Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DG3904 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DG3904
Description  High frequency switching power supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DG3904 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DG3904 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R
3DG3904
版本:201510B
2/7
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
电特性 ElECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最小值
Value(min)
最大值
Value(max)
单
位
Unit
结到环境的热阻 TO-92
Thermal Resistance Junction Ambient TO-92
Rth(j-a)
-
125
/W
℃
结到环境的热阻 SOT-23
Thermal Resistance Junction Ambient SOT-23
Rth(j-a)
-
357
/W
℃
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极—基极直流电压
Collector- Base Voltage( IE=0)
VCBO
60
V
集电极—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
40
V
发射极—基极直流电压
Emitter-Base Voltage(IC=0)
VEBO
6
V
最大集电极直流电流
Collector Current(DC)
IC
0.2
A
最大集电极耗散功率
Total Dissipation (TO-92)
PC
0.625
W
最大集电极耗散功率
Total Dissipation (SOT-23)
PC
0.350
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-55~+150
℃
项
目
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
V(BR)CBO
IC=10uA,IE=0
60
-
-
V
V(BR)CEO
IC=1mA,IB=0
40
-
-
V
V(BR)EBO
IE=10uA,IC=0
6
-
-
V
ICBO
VCB=30V, IE=0
-
-
50
nA
IEBO
VEB=4V, IC=0
-
-
50
nA
Hfe(1)
VCE =1V,
IC=0.1mA
40
Hfe(2)
VCE =1V,
IC=1mA
70
Hfe(3)
VCE =1V,
IC=10mA
100
200
300
Hfe(4)
VCE =1V,
IC=50mA
60
Hfe(5)
VCE =1V,
IC=100mA
30
IC=10mA,
IB=1mA
-
-
0.2
V
VCE(sat)
IC=50mA,
IB=5mA
-
-
0.3
V
IC=10mA,
IB=1mA
-
-
0.85
V
VBE(sat)
IC=50mA,
IB=5mA
-
-
0.95
V
fT
VCE=10V, IC=50mA
300
-
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com