Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS6-NP Datasheet(PDF) 13 Page - LEM

Part # CAS6-NP
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS6-NP Datasheet(HTML) 13 Page - LEM

Back Button CAS6-NP Datasheet HTML 8Page - LEM CAS6-NP Datasheet HTML 9Page - LEM CAS6-NP Datasheet HTML 10Page - LEM CAS6-NP Datasheet HTML 11Page - LEM CAS6-NP Datasheet HTML 12Page - LEM CAS6-NP Datasheet HTML 13Page - LEM CAS6-NP Datasheet HTML 14Page - LEM CAS6-NP Datasheet HTML 15Page - LEM CAS6-NP Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page 13/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Response and reaction times
The response time tr and the reaction time tra are shown in
figure 31.
Both depend on the primary current di/dt. They are measured
at nominal ampere-turns.
Figure 31: Response time t
r and reaction time tra
Figure 32: Test connection
Electrical offset
The electrical offset voltage
V
OE can either be measured when
the ferro-magnetic parts of the transducer are:
● completely demagnetized, which is difficult to realize,
● or in a known magnetization state, like in the current cycle
shown in figure 30.
Using the current cycle shown in figure 30, the electrical offset
is:
The temperature variation
V
OT of the electrical offset voltage
V
OE is the variation of the electrical offset from 25°C to the
considered temperature:
Note: the transducer has to be demagnetized prior to the
application of the current cycle (for example with a
demagnetization tunnel).
Overall accuracy
The overall accuracy at 25°C
X
G is the error in the - IPN .. + IPN
range, relative to the rated value
I
PN.
It includes:
● the electrical offset
V
OE
● the sensitivity error
ε
G
● the linearity error
ε
L (to IPN)
The magnetic offset is part of the overall accuracy. It is
taken into account in the linearity error figure provided the
transducer has not been magnetized by a current higher than
I
PN.
Performance parameters definition (continued)
2
)
(
)
(
2
1
t
V
t
V
V
OUT
OUT
OE
+
=
)
25
(
)
(
)
(
C
V
T
V
T
V
OE
OE
OT
°
−
=
tra
VOUT
tr
90 %
10 %
t
100 %
Ip
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com