Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # B2M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B2M Datasheet(HTML) 3 Page - Vishay Siliconix

  B2M_13 Datasheet HTML 1Page - Vishay Siliconix B2M_13 Datasheet HTML 2Page - Vishay Siliconix B2M_13 Datasheet HTML 3Page - Vishay Siliconix B2M_13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B2M, B4M, B6M
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
3
Document Number: 88898
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.1
1
10
100
1
10
100
Reverse Voltage (V)
0.106 (2.70)
0.090 (2.30)
0.147 (3.73)
0.137 (3.48)
0.161 (4.10)
0.144 (3.65)
0.190 (4.83)
0.179 (4.55)
0.029 (0.74)
0.017 (0.43)
0.105 (2.67)
0.095 (2.41)
0.205 (5.21)
0.195 (4.95)
10° to 15°
0.028 (0.71)
0.020 (0.51)
0.016 (0.41)
0.006 (0.15)
0.148 (3.75)
0.132 (3.35)
0.049 (1.24)
0.039 (0.99)
Case Style MBM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com