Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR16-P Datasheet(PDF) 10 Page - LEM

Part # HLSR16-P
Description  Current Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR16-P Datasheet(HTML) 10 Page - LEM

Back Button HLSR16-P Datasheet HTML 5Page - LEM HLSR16-P Datasheet HTML 6Page - LEM HLSR16-P Datasheet HTML 7Page - LEM HLSR16-P Datasheet HTML 8Page - LEM HLSR16-P Datasheet HTML 9Page - LEM HLSR16-P Datasheet HTML 10Page - LEM HLSR16-P Datasheet HTML 11Page - LEM HLSR16-P Datasheet HTML 12Page - LEM HLSR16-P Datasheet HTML 13Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Page 10/13
16December2013/Version 6 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-P series
HLSR-P series, Maximum continuous DC current
Important notice: whatever the usage and/or application, the transducer jumper temperature shall not go above the maximum
ratings of 120 °C as stated in page 2 of this datasheet.
Definition of typical, minimum and maximum values
Minimum and maximum values for specified limiting and safety conditions have to be understood as such as well as values shown
in “typical” graphs.
On the other hand, measured values are part of a statistical distribution that can be specified by an interval with upper and lower
limits and a probability for measured values to lie within this interval.
Unless otherwise stated (e.g. “100 % tested”), the LEM definition for such intervals designated with “min” and “max” is that the
probability for values of samples to lie in this interval is 99.73 %.
For a normal (Gaussian) distribution, this corresponds to an interval between -3 sigma and +3 sigma. If “typical” values are not
obviously mean or average values, those values are defined to delimit intervals with a probability of 68.27 %, corresponding to an
interval between -sigma and +sigma for a normal distribution.
Typical, maximal and minimal values are determined during the initial characterization of a product.
0
20
40
60
-40
-20
0
20
40
60
80
100
120
140
TA[°C]
HLSR 10-P
HLSR 16-P
HLSR 20-P
HLSR 32-P
HLSR 40-P
HLSR 50-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com