Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2500IP1 Datasheet(PDF) 3 Page - Harris Corporation

Part # HIP2500IP1
Description  Half Bridge 500VDC Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HIP2500IP1 Datasheet(HTML) 3 Page - Harris Corporation

  HIP2500IP1 Datasheet HTML 1Page - Harris Corporation HIP2500IP1 Datasheet HTML 2Page - Harris Corporation HIP2500IP1 Datasheet HTML 3Page - Harris Corporation HIP2500IP1 Datasheet HTML 4Page - Harris Corporation HIP2500IP1 Datasheet HTML 5Page - Harris Corporation HIP2500IP1 Datasheet HTML 6Page - Harris Corporation HIP2500IP1 Datasheet HTML 7Page - Harris Corporation HIP2500IP1 Datasheet HTML 8Page - Harris Corporation HIP2500IP1 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
HIP2500
Switching Specifications
PARAMETER
SYMBOL
TJ = +25
oCT
J = -40
oC TO +125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
HIGH SIDE CHANNEL WITH 500V OFFSET, CL = 1000pF
High Side Turn-On Propagation Delay
tON
320
420
525
230
-
725
ns
High Side Turn-Off Propagation Delay
tOFF
260
385
450
190
-
625
ns
High Side Rise Time
tR
-
25
50
-
25
50
ns
High Side Turn-Off Fall Time
tF
-
25
50
-
25
50
ns
LOW SIDE CHANNEL, CL = 1000pF
Low Side Turn-On Propagation Delay
tON
250
365
450
190
-
600
ns
Low Side Turn-Off Propagation Delay
tOFF
175
295
370
125
-
475
ns
Low Side Turn-On Rise Time
tR
-
25
50
-
30
50
ns
Low Side Turn-Off Fall Time
tF
-
25
50
-
30
50
ns
Shutdown Propagation Delay
High Side Shutdown
Low Side Shutdown
tSDHO
300
400
490
200
-
650
ns
tSDLO
175
320
400
125
-
500
ns
HIGH SIDE CHANNEL WITH 500V OFFSET, CL = 1000pF
Turn-On Propagation Delay Matching
(Between HO and LO)
Mt
0
-
125
0
-
185
ns
Minimum On Output Pulse Width (HO, LO)
PWOUT(MIN)
-
35
50
-
35
55
ns
Minimum Off Output Pulse Width (HO, LO)
PWOUTMIN
275
440
640
250
440
650
ns
Minimum On Input Pulse Width (HIN, LIN)
PWON(MIN)
-
100
145
-
100
175
ns
Minimum Off Input Pulse Width (HIN, LIN)
PWOFF(MIN)
-
110
200
-
110
220
ns
Deadtime LO Turn-Off to HO Turn-On
DHtON
-
125
-
-
125
-
ns
Deadtime HO Turn-Off to LO Turn-On
DLtON
-
-20
-
-
-20
-
ns
MAXIMUM TRANSIENT CONDITIONS
Offset Supply Operating Transient
dVS/dt
-
-
50
-
-
50
V/ns
Logic Truth Table
HIN
LIN
UVH
UVL
SD
HO
LO
COMMENTS
0000000
Normal Off
0100001
Lower On
1000010
Upper On
1100011
Both On
XXXX
1
0
0
Chip Disabled
XX
1
1
X
0
0
VCC UV Lockout and VBS Lockout
X
110001
VBS UV Lockout
1
X
01010
VCC UV Lockout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com