Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-32 Datasheet(PDF) 3 Page - Teccor Electronics

Part # HT-32
Description  Bilateral Trigger Diacs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

HT-32 Datasheet(HTML) 3 Page - Teccor Electronics

  HT-32 Datasheet HTML 1Page - Teccor Electronics HT-32 Datasheet HTML 2Page - Teccor Electronics HT-32 Datasheet HTML 3Page - Teccor Electronics HT-32 Datasheet HTML 4Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thyristor Product Catalog
Bilateral Trigger Diacs
Teccor Electronics
http://www.teccor.com
+1 972-580-7777
8 - 3
Figure 8.2
Repetitive Peak On-State Current vs Pulse Duration
Figure 8.3
Normalized VBO Change vs Junction Temperature
Figure 8.4
Test Circuit Waveforms (See Figure 8.5.)
12
4
6
200
400 600 1000
2000
4000
10000
.001
.002
.003
.005
0.1
0.2
0.3
3.0
0.5
5.0
.01
0.02
0.03
0.05
1.0
10
2.0
Base Pulse Duration - Microseconds
HT-60
SAFE OPERATING
AREA
10
20
40 60 100
PULSE REPETITION RATE =120 pps
TA = 40˚C
ST or HT- 32x, -34x, -35, -36x, -40
HT-5761, -5761A, -5762
0
-6
-4
-2
0
+2
+4
+6
+8
-40
-20
0
+20 +40 +60 +80 +100 +120 +140
Junction Temperature (TJ) - ˚C
ST or HT- 32x, 34x, 35, 36x, 40
HT-5761, 5761A, 5762
HT-60
∆V+
∆V-
V
C
0
-V
BO
I
L
+I
PK
0
t
-I
PK
t
+V
BO
Typical pulse base width is 10µSec.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com