Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1702N Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICS1702N
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702N Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICS1702N Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1702N Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
ICS1702
If a thermal switch is used, a 45
°C open circuit switch is
recommended. When the thermal switch opens, an internal pull-up
at the THERM pin results in a logic high which shuts down the
controller and activates the OTN indicator. The controller must be
reset once the hot battery fault condition has cleared to restart the
charge sequence.
Maximum temperature termination can be disabled by grounding
the THERM pin. See the section on Temperature Sensing for more
information.
Fast Charge Timer Termination
The controller uses a timer to limit the fast charge duration.
These times are pre-programmed, and are automatically adjusted in
time duration according to the charge rate selected. Fast charge
timer termination is best suited as a safety backup feature to limit
the duration of the fast charge stage. The fast charge timer is
always enabled and cannot be disabled. See Table 4 in the section
Charge Rate Selection for more information.
To determine the required thermistor characteristics for proper
temperature slope termination, the battery temperature rise must be
known or determined for the last minute prior to full charge.
Maximum
temperature
termination
is
also
enabled
when
temperature slope termination is used. Care must be taken to keep
voltage levels at the THERM pin within the fast charge range
(between 2.4V and 0.93V), as shown in Figure 9.
Maximum Temperature Termination
Maximum temperature can be sensed using either a NTC
thermistor or a thermal switch. Maximum temperature termination
can also be bypassed if desired, although it is strongly
recommended that some form of temperature termination be used.
If an NTC thermistor is used, an internal voltage threshold
determines when the battery is too hot to charge. As temperature
increases, the voltage across the thermistor will drop. This voltage
is continually compared to the internal voltage threshold. If the
thermistor voltage drops below the internal threshold, the OTN
indicator is activated and the controller shuts down. The controller
must be reset once the hot battery fault condition has cleared to
restart the charge sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com